Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08SH4 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4
Description  MC9S08SH8 Datasheet
Download  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4 Datasheet HTML 71Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 78Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 341 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
71
5.7.6
System Device Identification Register (SDIDH, SDIDL
These high page read-only registers are included so host development systems can identify the HCS08
derivative and revision number. This allows the development software to recognize where specific memory
blocks, registers, and control bits are located in a target MCU.
Figure 5-7. System Device Identification Register — High (SDIDH
76543210
R0
ID11
ID10
ID9
ID8
W
Reset:
01
1 - Bit 7 is a mask option tie off that is used internally to determine that the device is a MC9S08SH8.
0000
= Unimplemented or Reserved
Table 5-8. SDIDH Register Field Descriptions
Field
Description
7
Bit 7 will read as a 0 for the MC9S08SH8 devices; writes have no effect.
6:4
Reserved
Bits 6:4 are reserved. Reading these bits will result in an indeterminate value; writes have no effect.
3:0
ID[11:8]
Part Identification Numbe — Each derivative in the HCS08 Family has a unique identification number. The
MC9S08SH8 is hard coded to the value 0x014. See also ID bits in Table 5-9.
76543210
R
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
W
Reset:
00010100
= Unimplemented or Reserved
Figure 5-8. System Device Identification Register — L w (SDIDL)
Table 5-9. SDIDL Register Field Descriptions
Field
Description
7:0
ID[7:0]
Part Identification Numbe — Each derivative in the HCS08 Family has a unique identification number. The
MC9S08SH8 is hard coded to the value 0x014. See also ID bits in Table 5-8.


Similar Part No. - MC9S08SH4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SH4 FREESCALE-MC9S08SH4 Datasheet
3Mb / 330P
   Microcontrollers
MC9S08SH4 FREESCALE-MC9S08SH4 Datasheet
3Mb / 338P
   Microcontrollers
MC9S08SH4 FREESCALE-MC9S08SH4 Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08SH4CFKR FREESCALE-MC9S08SH4CFKR Datasheet
1Mb / 341P
   MC9S08SH8 Datasheet
MC9S08SH4CFKRR FREESCALE-MC9S08SH4CFKRR Datasheet
3Mb / 338P
   Microcontrollers
More results

Similar Description - MC9S08SH4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SH8CSC FREESCALE-MC9S08SH8CSC Datasheet
1Mb / 341P
   MC9S08SH8 Datasheet
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
   This is the MC9S08SH8 datasheet set consisting of the following files
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
   DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
   DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com