Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08SH4 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4
Description  MC9S08SH8 Datasheet
Download  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4 Datasheet HTML 65Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 66Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 67Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 68Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 69Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 70Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 71Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 341 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
65
5.6
Low-Voltage Detect (LVD) System
The MC9S08SH8 includes a system to protect against low voltage conditions in order to protect memory
contents and control MCU system states during supply voltage variations. The system is comprised of a
power-on reset (POR) circuit and a LVD circuit with trip voltages for warning and detection. The LVD
circuit is enabled when LVDE in SPMSC1 is set to 1. The LVD is disabled upon entering any of the stop
modes unless LVDSE is set in SPMSC1. If LVDSE and LVDE are both set, then the MCU cannot enter
stop2, and the current consumption in stop3 with the LVD enabled will be higher.
5.6.1
Power-On Reset Operation
When power is initially applied to the MCU, or when the supply voltage drops below the power-on reset
rearm voltage level, VPOR, the POR circuit will cause a reset condition. As the supply voltage rises, the
LVD circuit will hold the MCU in reset until the supply has risen above the low voltage detection low
threshold, VLVDL. Both the POR bit and the LVD bit in SRS are set following a POR.
5.6.2
Low-Voltage Detection (LVD) Reset Operation
The LVD can be configured to generate a reset upon detection of a low voltage condition by setting
LVDRE to 1. The low voltage detection threshold is determined by the LVDV bit. After an LVD reset has
occurred, the LVD system will hold the MCU in reset until the supply voltage has risen above the low
voltage detection threshold. The LVD bit in the SRS register is set following either an LVD reset or POR.
5.6.3
Low-Voltage Warning (LVW) Interrupt Operation
The LVD system has a low voltage warning flag to indicate to the user that the supply voltage is
approaching the low voltage condition. When a low voltage warning condition is detected and is
configured for interrupt operation (LVWIE set to 1), LVWF in SPMSC1 will be set and an LVW interrupt
request will occur.
5.7
Reset, Interrupt, and System Control Registers and Control Bits
One 8-bit register in the direct page register space and eight 8-bit registers in the high-page register space
are related to reset and interrupt systems.
Refer to Table 4-2 and Table 4-3 in Chapter 4, “Memory,” of this data sheet for the absolute address
assignments for all registers. This section refers to registers and control bits only by their names. A
Freescale-provided equate or header file is used to translate these names into the appropriate absolute
addresses.
Some control bits in the SOPT1 and SPMSC2 registers are related to modes of operation. Although brief
descriptions of these bits are provided here, the related functions are discussed in greater detail in
Chapter 3, “Modes of Operation.”


Similar Part No. - MC9S08SH4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SH4 FREESCALE-MC9S08SH4 Datasheet
3Mb / 330P
   Microcontrollers
MC9S08SH4 FREESCALE-MC9S08SH4 Datasheet
3Mb / 338P
   Microcontrollers
MC9S08SH4 FREESCALE-MC9S08SH4 Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08SH4CFKR FREESCALE-MC9S08SH4CFKR Datasheet
1Mb / 341P
   MC9S08SH8 Datasheet
MC9S08SH4CFKRR FREESCALE-MC9S08SH4CFKRR Datasheet
3Mb / 338P
   Microcontrollers
More results

Similar Description - MC9S08SH4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SH8CSC FREESCALE-MC9S08SH8CSC Datasheet
1Mb / 341P
   MC9S08SH8 Datasheet
MC9S08SH4CTG FREESCALE-MC9S08SH4CTG Datasheet
1Mb / 341P
   This is the MC9S08SH8 datasheet set consisting of the following files
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
   DATASHEET
MX29GL320EHT2I-70G MCNIX-MX29GL320EHT2I-70G Datasheet
1Mb / 77P
   DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com