Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPB56364AF100 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # DSPB56364AF100
Description  24-Bit Audio Digital Signal Processor
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56364AF100 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button DSPB56364AF100 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSPB56364AF100 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSPB56364AF100 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSPB56364AF100 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSPB56364AF100 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSPB56364AF100 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSPB56364AF100 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSPB56364AF100 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSPB56364AF100 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 148 page
background image
JTAG Timing
DSP56364 Technical Data, Rev. 4.1
3-54
Freescale Semiconductor
Figure 3-28 Test Clock Input Timing Diagram
Figure 3-29 Boundary Scan (JTAG) Timing Diagram
509
TMS, TDI data hold time
25.0
ns
510
TCK low to TDO data valid
0.0
44.0
ns
511
TCK low to TDO high impedance
0.0
44.0
ns
1 V
CC = 3.3 V ± 0.16 V; TJ = 0°C to +105°C, CL = 50 pF
2 All timings apply to OnCE module data transfers because it uses the JTAG port as an interface.
Table 3-22 JTAG Timing1. 2 (continued)
No.
Characteristics
All Frequencies
Unit
Min
Max
TCK
(Input)
VM
VM
VIH
VIL
501
502
502
503
503
AA0496
TCK
(Input)
Data
Inputs
Data
Outputs
Data
Outputs
Data
Outputs
VIH
VIL
Input Data Valid
Output Data Valid
Output Data Valid
505
504
506
507
506
AA0497


Similar Part No. - DSPB56364AF100

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
   24-Bit Audio Digital Signal Processor
DSPB56367AG150 FREESCALE-DSPB56367AG150 Datasheet
1Mb / 100P
   24-Bit Audio Digital Signal Processor
More results

Similar Description - DSPB56364AF100

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
   24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56362 FREESCALE-DSP56362 Datasheet
2Mb / 152P
   24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56366 NXP-DSP56366 Datasheet
2Mb / 110P
   24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
DSP56364 NXP-DSP56364 Datasheet
2Mb / 148P
   24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
logo
Freescale Semiconductor...
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
   24-Bit Audio Digital Signal Processor
DSPB56367AG150 FREESCALE-DSPB56367AG150 Datasheet
1Mb / 100P
   24-Bit Audio Digital Signal Processor
logo
Motorola, Inc
DSP56362 MOTOROLA-DSP56362 Datasheet
2Mb / 168P
   24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56364 FREESCALE-DSP56364 Datasheet
2Mb / 148P
   24-Bit Audio Digital Signal Processor
DSP56366 FREESCALE-DSP56366 Datasheet
1Mb / 110P
   24-Bit Audio Digital Signal Processor
DSP56367 FREESCALE-DSP56367 Datasheet
1Mb / 100P
   24-Bit Audio Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com