Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V32M16 Datasheet(PDF) 16 Page - Micron Technology

Part # MT46V32M16
Description  512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V32M16 Datasheet(HTML) 16 Page - Micron Technology

Back Button MT46V32M16 Datasheet HTML 12Page - Micron Technology MT46V32M16 Datasheet HTML 13Page - Micron Technology MT46V32M16 Datasheet HTML 14Page - Micron Technology MT46V32M16 Datasheet HTML 15Page - Micron Technology MT46V32M16 Datasheet HTML 16Page - Micron Technology MT46V32M16 Datasheet HTML 17Page - Micron Technology MT46V32M16 Datasheet HTML 18Page - Micron Technology MT46V32M16 Datasheet HTML 19Page - Micron Technology MT46V32M16 Datasheet HTML 20Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 93 page
background image
PDF: 09005aef80a1d9d4/Source: 09005aef82a95a3a
Micron Technology, Inc., reserves the right to change products or specifications without notice.
512Mb_DDR_x4x8x16_D2.fm - 512Mb DDR: Rev. Q; Core DDR Rev. E 7/11 EN
16
©2000 Micron Technology, Inc. All rights reserved.
512Mb: x4, x8, x16 DDR SDRAM
Electrical Specifications – IDD
Table 7:
IDD Specifications and Conditions (x16) Die Revision F Only
VDDQ = 2.6V ±0.1V, VDD = 2.6V ±0.1V (-5B); VDDQ = 2.5V ±0.2V, VDD = 2.5V ±0.2V (-6, -6T, -75E, -75Z, -75);
0°C
d TA d 70°C; Notes: 1–5, 11, 13, 15, 47; Notes appear on pages 37–42; See also Table 10 on page 20
Parameter/Condition
Symbol -5B -6/6T -75E -75Z/-75
Units
Notes
Operating one-bank active-precharge current:
tRC = tRC (MIN); tCK = tCK (MIN); DQ, DM, and DQS inputs
changing once per clock cycle; Address and control inputs
changing once every two clock cycles
IDD0
155
130
130
115
mA
23, 48
Operating one-bank active-read-precharge current:
Burst = 4; tRC = tRC (MIN); tCK = tCK (MIN); IOUT = 0mA;
Address and control inputs changing once per clock cycle
IDD1
195
160
160
145
mA
23, 48
Precharge power-down standby current: All banks idle;
Power-down mode; tCK = tCK (MIN); CKE = (LOW)
IDD2P
5
5
5
5
mA
24, 33
Idle standby current: CS# = HIGH; All banks are idle;
tCK = tCK (MIN); CKE = HIGH; Address and other control
inputs changing once per clock
cycle; VIN = VREF for DQ, DQS,
and DM
IDD2F
55
45
45
40
mA
51
Active power-down standby current: One bank active;
Power-down mode; tCK = tCK (MIN); CKE = LOW
IDD3P
45
35
35
30
mA
24, 33
Active standby current: CS# = HIGH; CKE = HIGH; One bank
active
; tRC = tRAS (MAX); tCK = tCK (MIN); DQ, DM, and DQS
inputs changing twice per clock cycle; Address and other
control inputs changing once per clock cycle
IDD3N
60
50
50
45
mA
23
Operating burst read current: Burst = 2; Continuous
burst reads; One bank active; Address and control inputs
changing once per clock cycle; tCK = tCK (MIN);
IOUT = 0mA
IDD4R
210
165
165
145
mA
23, 48
Operating burst write current: Burst = 2; Continuous burst
writes;
One bank active; Address and control inputs changing
once per clock cycle; tCK = tCK (MIN); DQ, DM, and DQS inputs
changing twice per clock cycle
IDD4W
215
195
160
135
mA
23
Auto refresh burst current:
tRFC = tRFC (MIN)
IDD5
345
290
290
280
mA
50
tRFC = 7.8µs
IDD5A
11
10
10
10
mA
28, 50
tRFC = 1.95µs
IDD5A
16
15
15
15
mA
28, 50
Self refresh current: CKE
d 0.2V
Standard
IDD6
65
5
5
mA
12
Low power (L)
IDD6A
43
3
3
mA
12
Operating bank interleave read current: Four bank
interleaving READs (burst = 4) with auto precharge,
tRC = minimum tRC allowed; tCK = tCK (MIN); Address and
control inputs change only during active READ or WRITE
commands
IDD7
480
405
400
350
mA
23, 49


Similar Part No. - MT46V32M16

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V32M16 MICRON-MT46V32M16 Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V32M16 MICRON-MT46V32M16 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V32M16P-5BJ MICRON-MT46V32M16P-5BJ Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM MT46V128M4 ??32 Meg x 4 x 4 banks MT46V64M8 ??16 Meg x 8 x 4 banks MT46V32M16 ??8 Meg x 16 x 4 banks
More results

Similar Description - MT46V32M16

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V32M16P-6TF MICRON-MT46V32M16P-6TF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate SDRAM Features
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V16M16CV-6ITK MICRON-MT46V16M16CV-6ITK Datasheet
4Mb / 91P
   256Mb: x4, x8, x16 DDR SDRAM Features
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT41J256M8HX-187ED MICRON-MT41J256M8HX-187ED Datasheet
2Mb / 211P
   2Gb: x4, x8, x16 DDR3 SDRAM Features
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
   64Mb: x4, x8, x16 SDRAM
MT48LC16M16A2TG-75ITD MICRON-MT48LC16M16A2TG-75ITD Datasheet
3Mb / 86P
   256Mb: x4, x8, x16 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com