Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V32M16 Datasheet(PDF) 44 Page - Micron Technology

Part # MT46V32M16
Description  512Mb: x4, x8, x16 Double Data Rate SDRAM Features
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V32M16 Datasheet(HTML) 44 Page - Micron Technology

Back Button MT46V32M16 Datasheet HTML 40Page - Micron Technology MT46V32M16 Datasheet HTML 41Page - Micron Technology MT46V32M16 Datasheet HTML 42Page - Micron Technology MT46V32M16 Datasheet HTML 43Page - Micron Technology MT46V32M16 Datasheet HTML 44Page - Micron Technology MT46V32M16 Datasheet HTML 45Page - Micron Technology MT46V32M16 Datasheet HTML 46Page - Micron Technology MT46V32M16 Datasheet HTML 47Page - Micron Technology MT46V32M16 Datasheet HTML 48Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
PDF: 09005aef80768abb/Source: 09005aef82a95a3a
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DDR_x4x8x16_Core2.fm - 512Mb DDR: Rev. Q; Core DDR Rev. E 7/11 EN
44
©2000 Micron Technology, Inc. All rights reserved.
512Mb: x4, x8, x16 DDR SDRAM
Electrical Specifications – DC and AC
Table 29:
Reduced Output Drive Characteristics
Characteristics are specified under best, worst, and nominal process variation/conditions
Voltage
(V)
Pull-Down Current (mA)
Pull-Up Current (mA)
Nominal
Low
Nominal
High
Min
Max
Nominal
Low
Nominal
High
Min
Max
0.1
3.4
3.8
2.6
5.0
–3.5
–4.3
–2.6
–5.0
0.2
6.9
7.6
5.2
9.9
–6.9
–7.8
–5.2
–9.9
0.3
10.3
11.4
7.8
14.6
–10.3
–12.0
–7.8
–14.6
0.4
13.6
15.1
10.4
19.2
–13.6
–15.7
–10.4
–19.2
0.5
16.9
18.7
13.0
23.6
–16.9
–19.3
–13.0
–23.6
0.6
19.9
22.1
15.7
28.0
–19.4
–22.9
–15.7
–28.0
0.7
22.3
25.0
18.2
32.2
–21.5
–26.5
–18.2
–32.2
0.8
24.7
28.2
20.8
35.8
–23.3
–30.1
–20.4
–35.8
0.9
26.9
31.3
22.4
39.5
–24.8
–33.6
–21.6
–39.5
1.0
29.0
34.1
24.1
43.2
–26.0
–37.1
–21.9
–43.2
1.1
30.6
36.9
25.4
46.7
–27.1
–40.3
–22.1
–46.7
1.2
31.8
39.5
26.2
50.0
–27.8
–43.1
–22.2
–50.0
1.3
32.8
42.0
26.6
53.1
–28.3
–45.8
–22.3
–53.1
1.4
33.5
44.4
26.8
56.1
–28.6
–48.4
–22.4
–56.1
1.5
34.0
46.6
27.0
58.7
–28.7
–50.7
–22.6
–58.7
1.6
34.3
48.6
27.2
61.4
–28.9
–52.9
–22.7
–61.4
1.7
34.5
50.5
27.4
63.5
–28.9
–55.0
–22.7
–63.5
1.8
34.8
52.2
27.7
65.6
–29.0
–56.8
–22.8
–65.6
1.9
35.1
53.9
27.8
67.7
–29.2
–58.7
–22.9
–67.7
2.0
35.4
55.0
28.0
69.8
–29.2
–60.0
–22.9
–69.8
2.1
35.6
56.1
28.1
71.6
–29.3
–61.2
–23.0
–71.6
2.2
35.8
57.1
28.2
73.3
–29.5
–62.4
–23.0
–73.3
2.3
36.1
57.7
28.3
74.9
–29.5
–63.1
–23.1
–74.9
2.4
36.3
58.2
28.3
76.4
–29.6
–63.8
–23.2
–76.4
2.5
36.5
58.7
28.4
77.7
–29.7
–64.4
–23.2
–77.7
2.6
36.7
59.2
28.5
78.8
–29.8
–65.1
–23.3
–78.8
2.7
36.8
59.6
28.6
79.7
–29.9
–65.8
–23.3
–79.7


Similar Part No. - MT46V32M16

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V32M16 MICRON-MT46V32M16 Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V32M16 MICRON-MT46V32M16 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V32M16P-5BJ MICRON-MT46V32M16P-5BJ Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM MT46V128M4 ??32 Meg x 4 x 4 banks MT46V64M8 ??16 Meg x 8 x 4 banks MT46V32M16 ??8 Meg x 16 x 4 banks
More results

Similar Description - MT46V32M16

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V64M8P-5BF MICRON-MT46V64M8P-5BF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT46V16M16CV-6ITK MICRON-MT46V16M16CV-6ITK Datasheet
4Mb / 91P
   256Mb: x4, x8, x16 DDR SDRAM Features
MT41J256M8HX-187ED MICRON-MT41J256M8HX-187ED Datasheet
2Mb / 211P
   2Gb: x4, x8, x16 DDR3 SDRAM Features
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
   64Mb: x4, x8, x16 SDRAM
MT48LC16M16A2TG-75ITD MICRON-MT48LC16M16A2TG-75ITD Datasheet
3Mb / 86P
   256Mb: x4, x8, x16 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com