Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V32M16 Datasheet(PDF) 30 Page - Micron Technology

Part # MT46V32M16
Description  512Mb: x4, x8, x16 Double Data Rate SDRAM Features
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V32M16 Datasheet(HTML) 30 Page - Micron Technology

Back Button MT46V32M16 Datasheet HTML 26Page - Micron Technology MT46V32M16 Datasheet HTML 27Page - Micron Technology MT46V32M16 Datasheet HTML 28Page - Micron Technology MT46V32M16 Datasheet HTML 29Page - Micron Technology MT46V32M16 Datasheet HTML 30Page - Micron Technology MT46V32M16 Datasheet HTML 31Page - Micron Technology MT46V32M16 Datasheet HTML 32Page - Micron Technology MT46V32M16 Datasheet HTML 33Page - Micron Technology MT46V32M16 Datasheet HTML 34Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
PDF: 09005aef80768abb/Source: 09005aef82a95a3a
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DDR_x4x8x16_Core2.fm - 512Mb DDR: Rev. Q; Core DDR Rev. E 7/11 EN
30
©2000 Micron Technology, Inc. All rights reserved.
512Mb: x4, x8, x16 DDR SDRAM
Electrical Specifications – DC and AC
Write recovery time
tWR
15
ns
Internal WRITE-to-READ command delay
tWTR
1
tCK
Exit SELF REFRESH-to-non-READ command
tXSNR
75
ns
Exit SELF REFRESH-to-READ command
tXSRD
200
tCK
Data valid output window
n/a
tQH - tDQSQ
ns
26
Table 22:
Electrical Characteristics and Recommended AC Operating Conditions (-6T) (continued)
Notes: 1–6, 16–18, and 34 apply to the entire table; Notes appear on page 37;
0°C
d TA d 70°C; VDDQ = 2.5V ±0.2V, VDD = 2.5V ±0.2V
AC Characteristics
-6T (TSOP)
Units
Notes
Parameter
Symbol
Min
Max


Similar Part No. - MT46V32M16

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V32M16 MICRON-MT46V32M16 Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V32M16 MICRON-MT46V32M16 Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT46V32M16P-5BJ MICRON-MT46V32M16P-5BJ Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM MT46V128M4 ??32 Meg x 4 x 4 banks MT46V64M8 ??16 Meg x 8 x 4 banks MT46V32M16 ??8 Meg x 16 x 4 banks
More results

Similar Description - MT46V32M16

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V64M8P-5BF MICRON-MT46V64M8P-5BF Datasheet
1Mb / 93P
   512Mb: x4, x8, x16 Double Data Rate (DDR) SDRAM SDRAM Features
MT46V32M16P-5BITF MICRON-MT46V32M16P-5BITF Datasheet
3Mb / 91P
   512Mb: x4, x8, x16 DDR SDRAM Features
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
MT47H32M16CC3B MICRON-MT47H32M16CC3B Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT47H64M8B6-25ELDTR MICRON-MT47H64M8B6-25ELDTR Datasheet
2Mb / 133P
   512Mb: x4, x8, x16 DDR2 SDRAM
MT46V16M16CV-6ITK MICRON-MT46V16M16CV-6ITK Datasheet
4Mb / 91P
   256Mb: x4, x8, x16 DDR SDRAM Features
MT41J256M8HX-187ED MICRON-MT41J256M8HX-187ED Datasheet
2Mb / 211P
   2Gb: x4, x8, x16 DDR3 SDRAM Features
MT47H128M16RT-25EIT MICRON-MT47H128M16RT-25EIT Datasheet
1Mb / 134P
   2Gb: x4, x8, x16 DDR2 SDRAM Features
MT48LC4M16A2P-6A MICRON-MT48LC4M16A2P-6A Datasheet
3Mb / 83P
   64Mb: x4, x8, x16 SDRAM
MT48LC16M16A2TG-75ITD MICRON-MT48LC16M16A2TG-75ITD Datasheet
3Mb / 86P
   256Mb: x4, x8, x16 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com