Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM400DU-24NFH Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM400DU-24NFH
Description  Dual IGBTMOD NFH-Series Module 400 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM400DU-24NFH Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM400DU-24NFH Datasheet HTML 1Page - Powerex Power Semiconductors CM400DU-24NFH Datasheet HTML 2Page - Powerex Power Semiconductors CM400DU-24NFH Datasheet HTML 3Page - Powerex Power Semiconductors CM400DU-24NFH Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CM400DU-24NFH
Dual IGBTMOD™ NFH-Series Module
400 Amperes/1200 Volts
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
3
7/11 Rev. 2
Thermal and Mechanical Characteristics,
Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
Rth(j-c)Q
Per IGBT 1/2 Module, TC Reference
0.12
°C/W
Point per Outline Drawing
Thermal Resistance, Junction to Case
Rth(j-c)D
Per FWDi 1/2 Module, TC Reference
0.23
°C/W
Point per Outline Drawing
Thermal Resistance, Junction to Case
Rth(j-c)'Q
Per IGBT 1/2 Module,
0.051
°C/W
TC Reference Point Under Chips
Thermal Resistance, Junction to Case
Rth(j-c)'D
Per FWDi 1/2 Module, TC Reference
0.093
°C/W
Point per Outline Drawing
Contact Thermal Resistance
Rth(c-f)
Per 1/2 Module, Thermal Grease Applied
0.02
°C/W
External Gate Resistance
RG
0.78
7.8
Ω
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
CAPACITANCE VS. VCE
(TYPICAL)
100
102
103
102
101
100
10-1
101
01
34
25
101
EMITTER-COLLECTOR VOLTAGE, V
EC, (VOLTS)
FREE-WHEEL DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
102
103
GATE-EMITTER VOLTAGE, V
GE, (VOLTS)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
10
68
10
14
12
16
18
20
8
6
4
2
0
Tj = 25°C
GATE-EMITTER VOLTAGE, V
GE, (VOLTS)
TRANSFER CHARACTERISTICS
(TYPICAL)
0
5
15
20
VGE = 10V
Tj = 25°C
Tj = 125°C
Tj = 25°C
Tj = 125°C
VGE = 0V
Cies
Coes
Cres
IC = 800A
IC = 400A
IC = 160A
COLLECTOR-EMITTER VOLTAGE, V
CE, (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL)
02
46
810
0
VGE = 20V
10
11
12
13
14
15
9
8
Tj = 25
oC
800
400
600
200
0
800
400
600
200
10
COLLECTOR-CURRENT, I
C, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL)
9
4
5
6
3
0
7
2
8
1
0
800
200
400
600
VGE = 15V
Tj = 25°C
Tj = 125°C
10-1


Similar Part No. - CM400DU-24NFH

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM400DU-24NFH MITSUBISHI-CM400DU-24NFH Datasheet
52Kb / 4P
   HIGH POWER SWITCHING USE
CM400DU-24NFH MITSUBISHI-CM400DU-24NFH Datasheet
102Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM400DU-24NFH MITSUBISHI-CM400DU-24NFH_09 Datasheet
102Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM400DU-24NFH

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM400E3Y6-24NFH POWEREX-CM400E3Y6-24NFH Datasheet
456Kb / 4P
   Chopper IGBTMOD NFH-Series Module 400 Amperes/1200 Volts
CM100DU-24NFH POWEREX-CM100DU-24NFH Datasheet
628Kb / 4P
   Dual IGBTMOD NFH-Series Module 100 Amperes/1200 Volts
CM200DU-24NFH POWEREX-CM200DU-24NFH Datasheet
457Kb / 4P
   Dual IGBTMOD NFH-Series Module 200 Amperes/1200 Volts
CM150DU-24NFH POWEREX-CM150DU-24NFH Datasheet
627Kb / 4P
   Dual IGBTMOD NFH-Series Module 150 Amperes/1200 Volts
CM300DY-24NFH POWEREX-CM300DY-24NFH Datasheet
246Kb / 4P
   Dual IGBTMOD NFH-Series Module 300 Amperes/1200 Volts
CM300DU-24NFH POWEREX-CM300DU-24NFH Datasheet
458Kb / 4P
   Dual IGBTMOD NFH-Series Module 300 Amperes/1200 Volts
CM600DU-24NFH POWEREX-CM600DU-24NFH Datasheet
420Kb / 4P
   Dual IGBTMOD NFH-Series Module 600 Amperes/1200 Volts
CM300E3Y6-24NFH POWEREX-CM300E3Y6-24NFH Datasheet
455Kb / 4P
   Chopper IGBTMOD NFH-Series Module 300 Amperes/1200 Volts
CM400DU-24F POWEREX-CM400DU-24F Datasheet
91Kb / 4P
   Dual IGBTMOD 400 Amperes/1200 Volts
CM400DU-24H POWEREX-CM400DU-24H Datasheet
77Kb / 4P
   Dual IGBTMOD??U-Series Module 400 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com