Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GTLP16617 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. GTLP16617
Description  17-Bit TTL/GTLP Synchronous Bus Transceiver with Buffered Clock
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

GTLP16617 Datasheet(HTML) 6 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Operating Requirements
Over recommended ranges of supply voltage and operating free-air temperature, VREF = 1.0V (unless otherwise noted).
Symbol
Min
Max
Unit
fCLOCK
Max Clock Frequency
175
MHz
tW
Pulse Duration
LEAB or LEBA HIGH
3.0
ns
CLKAB or CLKBA HIGH or LOW
3.2
tS
Setup Time
A before CLKAB
0.5
ns
OEAB before CLKAB
1.5
B before CLKBA
3.1
A before LEAB
1.3
B before LEBA
3.7
CEAB before CLKAB
0.7
CEBA before CLKBA
1.0
tH
Hold Time
A after CLKAB
1.5
ns
OEAB after CLKAB
1.0
B after CLKBA
0.0
A after LEAB
0.5
B after LEBA
0.0
CEAB after CLKAB
1.5
CEBA after CLKBA
1.7


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn