Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GTLP16617 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. GTLP16617
Description  17-Bit TTL/GTLP Synchronous Bus Transceiver with Buffered Clock
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

GTLP16617 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
DC Electrical Characteristics
Over Recommended Operating Free-Air Temperature Range, VREF = 1.0V (Unless Otherwise Noted).
Note 9: All typical values are at VCC = 3.3V, VCCQ = 5.0V, and TA = 25°C.
Note 10: For conditions shown as Min or Max, use the appropriate value specified under recommended operating conditions.
Note 11: This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
Symbol
Test Conditions
Min
Typ
Max
Units
(Note 9)
VIH
B-Port
VREF +0.1
VTT
V
Others
2.0
V
VIL
B-Port
0.0
VREF −0.2
V
Others
0.8
V
VREF
GTLP
1.0
V
GTL
0.8
V
VIK
VCC = 3.15V,
II = −18 mA
−1.2
V
VCCQ = 4.75V
VOH
A-Port
VCC, VCCQ = Min to Max (Note 10)
IOH = −100 µAVCC −0.2
VCC = 3.15V
IOH = −8 mA
2.4
V
VCCQ = 4.75V
IOH = −32 mA
2.0
VOL
A-Port
VCC, VCCQ = Min to Max (Note 10)
IOL = 100 µA0.2
V
VCC = 3.15V
IOL = 32 mA
0.5
VCCQ = 4.75V
B-Port
VCC = 3.15V VCCQ = 4.75V
IOL = 34 mA
0.65
V
II
Control Pins
VCC, VCCQ = 0 or Max
VI = 5.5V or 0V
±10
µA
A-Port
VCC = 3.45V
VI = 5.5V
20
VCCQ = 5.25V
VI = VCC
1
µA
VI = 0
−30
B-Port
VCC = 3.45V
VI = VCCQ
5
µA
VCCQ = 5.25V
VI = 0
−5
IOFF
A-Port and
Control Pins
VCC = VCCQ = 0VI or VO = 0 to 4.5V
100
µA
II(hold)
A-Port
VCC = 3.15V,
VI = 0.8V
75
µA
VCCQ = 4.75V
VI = 2.0V
−20
IOZH
A-Port
VCC = 3.45V,
VO = 3.45V
1
µA
B-Port
VCCQ = 5.25V
VO = 1.5V
5
IOZL
A-Port
VCC = 3.45V,
VO = 0
−20
µA
B-Port
VCCQ = 5.25V
VO = 0.65V
−10
ICCQ
A or B
VCC = 3.45V,
Outputs HIGH
30
40
mA
(VCCQ)Ports
VCCQ = 5.25V,
Outputs LOW
30
40
IO = 0,
VI = VCCQ or GND
Outputs Disabled
30
40
ICC
(VCC)
A or B
VCC = 3.45V, VCCQ = 5.25V, IO = 0, Outputs HIGH
0
1
Ports
Outputs LOW
0
1
mA
VI = VCCQ or GND
Outputs Disabled
0
1
∆I
CC
A-Port and
VCC = 3.45V,
One Input at 2.7V
0
1
mA
(Note 11)
Control Pins
VCCQ = 5.25V,
A or Control Inputs at
VCC or GND
CIN
Control Pins
VI = VCCQ or 0
8
CI/O
A-Port
VI = VCCQ or 0
9
pF
CI/O
B-Port
VI = VCCQ or 0
6


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn