Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GTLP16616 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. GTLP16616
Description  17-Bit TTL/GTLP Bus Transceiver with Buffered Clock
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

GTLP16616 Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 4)
Recommended Operating
Conditions (Note 6)
Note 4: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 5: IO Absolute Maximum Rating must be observed.
Note 6: Unused inputs must be held high or low.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Voltage (VI)
−0.5V to +7.0V
DC Output Voltage (VO)
Outputs 3-STATE
−0.5V to +7.0V
Outputs Active (Note 5)
−0.5V to V
CC + 0.5V
DC Output Sink Current into
A-Port IOL
64 mA
DC Output Source Current from
A-Port IOH
−64 mA
DC Output Sink Current
into B-Port in the LOW State,
IOL
80 mA
DC Input Diode Current (IIK)
VI < 0V
−50 mA
DC Output Diode Current (IOK)
VO < 0V
−50 mA
VO > VCC
+50 mA
ESD Rating
>2000V
Storage Temperature (TSTG)
−65°C to +150°C
Supply Voltage VCC
VCC
3.15V to 3.45V
VCCQ
4.75V to 5.25V
Bus Termination Voltage (VTT) GTLP
1.35V to 1.65V
Input Voltage (VI)
on A-Port and Control Pins
0.0V to 5.5V
HIGH Level Output Current (IOH)
A-Port
−32 mA
LOW Level Output Current (IOL)
A-Port
+32 mA
B-Port
+34 mA
Operating Temperature (TA)
−40°C to +85°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn