Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF316 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MRF316
Description  BROADBAND RF POWER TRANSISTOR NPN SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF316 Datasheet(HTML) 6 Page - Motorola, Inc

  MRF316 Datasheet HTML 1Page - Motorola, Inc MRF316 Datasheet HTML 2Page - Motorola, Inc MRF316 Datasheet HTML 3Page - Motorola, Inc MRF316 Datasheet HTML 4Page - Motorola, Inc MRF316 Datasheet HTML 5Page - Motorola, Inc MRF316 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MRF316
6
MOTOROLA RF DEVICE DATA
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers:
USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036.
EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England.
JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan.
ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
MRF316/D
*MRF316/D*


Similar Part No. - MRF316

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF316 MACOM-MRF316 Datasheet
159Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
logo
M/A-COM Technology Solu...
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
   The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
logo
Advanced Semiconductor
MRF316 ASI-MRF316 Datasheet
19Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF316 MA-COM-MRF316 Datasheet
223Kb / 6P
   The RF Line NPN Silicon Power Transistor 80W, 3.0-200MHz, 28V
logo
eleflow technologies co...
MRF316 ELEFLOW-MRF316 Datasheet
45Kb / 2P
   NPN Silicon RF power transistor
More results

Similar Description - MRF316

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF326 MOTOROLA-MRF326 Datasheet
107Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF317 MOTOROLA-MRF317 Datasheet
115Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF327 MOTOROLA-MRF327 Datasheet
166Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF338 MOTOROLA-MRF338 Datasheet
132Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF325 MOTOROLA-MRF325 Datasheet
95Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
MRF329 MOTOROLA-MRF329 Datasheet
107Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
logo
Siemens Semiconductor G...
BFT75 SIEMENS-BFT75 Datasheet
68Kb / 3P
   NPN SILICON RF BROADBAND TRANSISTOR
BFT12 SIEMENS-BFT12 Datasheet
88Kb / 4P
   NPN SILICON RF BROADBAND TRANSISTOR
BFW30 SIEMENS-BFW30 Datasheet
61Kb / 3P
   NPN SILICON RF BROADBAND TRANSISTOR
BFW93 SIEMENS-BFW93 Datasheet
63Kb / 3P
   NPN SILICON RF BROADBAND TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com