Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LKT0402B0R5K500R Datasheet(PDF) 8 Page - Kingtronics International Company

Part # LKT0402B0R5K500R
Description  Low Voltage Multilayer Chip Ceramic Capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

LKT0402B0R5K500R Datasheet(HTML) 8 Page - Kingtronics International Company

  LKT0402B0R5K500R Datasheet HTML 1Page - Kingtronics International Company LKT0402B0R5K500R Datasheet HTML 2Page - Kingtronics International Company LKT0402B0R5K500R Datasheet HTML 3Page - Kingtronics International Company LKT0402B0R5K500R Datasheet HTML 4Page - Kingtronics International Company LKT0402B0R5K500R Datasheet HTML 5Page - Kingtronics International Company LKT0402B0R5K500R Datasheet HTML 6Page - Kingtronics International Company LKT0402B0R5K500R Datasheet HTML 7Page - Kingtronics International Company LKT0402B0R5K500R Datasheet HTML 8Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
8
LKT
Low Voltage Multilayer Chip Ceramic
Capacitor
4. Dimensions of Reel:
5. Taping Figure
6. Taping Method
Tapes for capacitors are wound clockwise. The sprocket holes are to the right as the tape is pulled toward the user.
The top tape and base tape are not attached at the end of the tape for a minimum of 5 pitches.
Part of the leader and part of the empty tape shall be attached to the end of the tape as follows.
Missing capacitors number within 0.1% of the number per reel or 1pc, whichever is greater, and are not continuous.
The top tape and bottom tape shall not protrude beyond the edges of the tape and shall not cover sprocket holes.
Cumulative tolerance of sprocket holes, 10 pitches: ±0.3mm.
Peeling off force: 0.1 to 0.6N in the direction shown down.
Note: Specifications are subject to change without notice.
φ
180mmReel


Similar Part No. - LKT0402B0R5K500R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LKT1AF-12V PANASONIC-LKT1AF-12V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-24V PANASONIC-LKT1AF-24V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-5V PANASONIC-LKT1AF-5V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-9V PANASONIC-LKT1AF-9V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
More results

Similar Description - LKT0402B0R5K500R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
08055A101JAT2A AVX-08055A101JAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com