Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL-2602 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HCPL-2602
Description  High CMR Line Receiver Optocouplers Isolated line receiver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

HCPL-2602 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Current, Low Level
IIL
0
250
µA
Input Current, High Level
IIH
5*
60
mA
Supply Voltage, Output
VCC
4.5
5.5
V
High Level Enable Voltage
VEH
2.0
VCC
V
Low Level Enable Voltage
VEL
00.8
V
Fan Out (@ RL = 1 kΩ)N
5
TTL Loads
Output Pull-up Resistor
RL
330
4 K
Operating Temperature
TA
070
°C
*The initial switching threshold is 5 mA or less. It is recommended that an input current between
6.3 mA and 10 mA be used to obtain best performance and to provide at least 20% LED degradation
guardband.
Absolute Maximum Ratings (No Derating Required up to 85
°C)
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
85
°C
Forward Input Current
II
60
mA
Reverse Input Current
IIR
60
mA
Input Current, Pin 4
-10
10
mA
Supply Voltage (1 Minute Maximum)
VCC
7V
Enable Input Voltage (Not to Exceed VCC by
VE
VCC + 0.5
V
more than 500 mV)
Output Collector Current
IO
50
mA
Output Collector Voltage (Selection for Higher
VO
7V
Output Voltages up to 20 V is Available.)
Output Collector Power Dissipation
PO
40
mW
Lead Solder Temperature
TLS
260
°C for 10 sec., 1.6 mm below
seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn