Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL-2602 Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HCPL-2602
Description  High CMR Line Receiver Optocouplers Isolated line receiver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2602 Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2602 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED HCPL-2602 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
different circuit configuration
could make t
PHL
<t
PLH
, in which
case NOR gates would be pre-
ferred. If it is not known whether
t
PHL
> t
PLH
or t
PHL
< t
PLH
, or if the
drive conditions may vary over the
boundary for these conditions, the
exclusive-OR flip-flop of Figure (d)
should be used.
RS-422 and RS-423
Line drivers designed for RS-422
and RS-423 generally provide
adequate voltage and current for
operating the HCPL-2602/12. Most
drivers also have characteristics
allowing the HCPL-2602/12 to be
connected directly to the driver
terminals. Worst case drive
conditions, however, would
require current shunting to
prevent overstress of the HCPL-
2602/12.
Propagation Delay, Pulse-Width
Distortion and Propagation Delay Skew
Propagation delay is a figure of
merit which describes how quickly
a logic signal propagates through a
system. The propagation delay
from low to high (t
PLH
) is the
amount of time required for an
input signal to propagate to the
output, causing the output to
change from low to high. Similarly,
the propagation delay from high to
low (t
PHL
) is the amount of time
required for the input signal to
propagate to the output, causing
the output to change from high to
low (see Figure 6).
Pulse-width distortion (PWD)
results when t
PLH
and t
PHL
differ in
value. PWD is defined as the
difference between t
PLH
and t
PHL
and often determines the
maximum data rate capability of a
transmission system. PWD can be
expressed in percent by dividing
the PWD (in ns) by the minimum
pulse width (in ns) being
transmitted. Typically, PWD on
the order of 20-30% of the
minimum pulse width is tolerable;
the exact figure depends on the
particular application (RS232,
RS422, T-1, etc.).
Propagation delay skew, t
PSK
, is an
important parameter to consider
in parallel data applications
where synchronization of signals
on parallel data lines is a concern.
If the parallel data is being sent
through a group of optocouplers,
differences in propagation delays
will cause the data to arrive at the
outputs of the optocouplers at
different times. If this difference
in propagation delays is large
enough, it will determine the
maximum rate at which parallel
data can be sent through the
optocouplers.
Propagation delay skew is defined
as the difference between the
minimum and maximum
propagation delays, either t
PLH
or
t
PHL
, for any given group of
optocouplers which are operating
under the same conditions (i.e.,
the same drive current, supply
voltage, output load, and
operating temperature). As
illustrated in Figure 16, if the
inputs of a group of optocouplers
are switched either ON or OFF at
the same time, t
PSK
is the
difference between the shortest
propagation delay, either t
PHL
or
t
PHL
, and the longest propagation
delay, either t
PLH
or t
PHL
.
As mentioned earlier, t
PSK
can
determine the maximum parallel
data transmission rate. Figure 17
is the timing diagram of a typical
parallel data application with
both the clock and the data lines
being sent through optocouplers.
The figure shows data and clock
signals at the inputs and outputs
of the optocouplers. To obtain the
maximum data transmission rate,
both edges of the clock signal are
being used to clock the data; if
only one edge were used, the
clock signal would need to be
twice as fast.
Propagation delay skew
represents the uncertainty of
where an edge might be after
being sent through an
optocoupler. Figure 17 shows that
there will be uncertainty in both
the data and the clock lines. It is
important that these two areas of
uncertainty not overlap,
otherwise the clock signal might
arrive before all of the data
outputs have settled, or some of
the data outputs may start to
change before the clock signal has
arrived. From these
considerations, the absolute
minimum pulse width that can be
sent through optocouplers in a
parallel application is twice t
PSK
. A
cautious design should use a
slightly longer pulse width to
ensure that any additional
uncertainty in the rest of the
circuit does not cause a problem.
The t
PSK
specified optocouplers
offer the advantages of
guaranteed specifications for
propagation delays, pulse-width
distortion and propagation delay
skew over the recommended
temperature, input current, and
power supply ranges.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn