Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL-2602 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HCPL-2602
Description  High CMR Line Receiver Optocouplers Isolated line receiver
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

HCPL-2602 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Electrical Characteristics
Over recommended temperature (TA = 0°C to +70°C) unless otherwise specified. See note 1.
Parameter
Sym.
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
High Level Output
IOH
5.5
100
µAV
CC = 5.5 V, VO = 5.5 V,
1
Current
II = 250 µA, VE = 2.0 V
Low Level Output
VOL
0.35
0.6
V
VCC = 5.5 V, II = 5 mA,
2, 4,
Voltage
VE = 2.0 V,
5, 14
IOL (Sinking) = 13 mA
High Level Supply
ICCH
7.5
10
mA
VCC = 5.5 V, II = 0 mA,
Current
VE = 0.5 V
Low Level Supply
ICCL
10
13
mA
VCC = 5.5 V, II = 60 mA,
Current
VE = 0.5 V
High Level Enable
IEH
-0.7
-1.6
mA
VCC = 5.5 V, VE = 2.0 V
Current
Low Level Enable
IEL
-0.9
-1.6
mA
VCC = 5.5 V, VE = 0.5 V
Current
High Level Enable
VEH
2.0
V
10
Voltage
Low Level Enable
VEL
0.8
V
Voltage
2.0
2.4
II = 5 mA
Input Voltage
VI
V3
2.3
2.7
II = 60 mA
Input Reverse
VR
0.75
0.95
V
IR = 5 mA
Voltage
Input Capacitance
CIN
90
pF
VI = 0 V, f = 1 MHz
*All typicals at VCC = 5 V, TA = 25°C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn