Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDEDD3330JA5N00 Datasheet(PDF) 4 Page - Kemet Corporation

Part # LDEDD3330JA5N00
Description  Non-encapsulated construction, Stacked technology
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEDD3330JA5N00 Datasheet(HTML) 4 Page - Kemet Corporation

  LDEDD3330JA5N00 Datasheet HTML 1Page - Kemet Corporation LDEDD3330JA5N00 Datasheet HTML 2Page - Kemet Corporation LDEDD3330JA5N00 Datasheet HTML 3Page - Kemet Corporation LDEDD3330JA5N00 Datasheet HTML 4Page - Kemet Corporation LDEDD3330JA5N00 Datasheet HTML 5Page - Kemet Corporation LDEDD3330JA5N00 Datasheet HTML 6Page - Kemet Corporation LDEDD3330JA5N00 Datasheet HTML 7Page - Kemet Corporation LDEDD3330JA5N00 Datasheet HTML 8Page - Kemet Corporation LDEDD3330JA5N00 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
SMD Film Capacitors
07/2008
PEN and PPS dielectrics typical temperature graphs
PEN
Capacitance vs. temperature
(f = 1 kHz)
PPS
Capacitance vs. temperature
(f = 1 kHz)
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-60 -40 -20
0
20
40
60
80 100 120 140
C/C [%]
T [°C]
Dissipation factor vs. temperature
(f = 1 kHz)
Dissipation factor vs. temperature
(f = 1 kHz)
Insulation resistance vs. temperature
Insulation resistance vs. temperature


Similar Part No. - LDEDD3330JA5N00

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDEDD3330-A5 KEMET-LDEDD3330-A5 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEDD3330KA5N00 KEMET-LDEDD3330KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.33 uF, 10%, 63 V, 40 V, 125C, 2220, 1.9mm
More results

Similar Description - LDEDD3330JA5N00

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TMPE-FMPE MERITEK-TMPE-FMPE Datasheet
167Kb / 1P
   Non-inductive construction
logo
AVX Corporation
NOJA106M010RWJ AVX-NOJA106M010RWJ Datasheet
124Kb / 5P
   Non-burn safe technology
logo
Cynergy3 Co
UF25B CYNERGY3-UF25B Datasheet
416Kb / 1P
   Non-invasive sensor technology
logo
Murata Manufacturing Co...
OKI-78SR-E MURATA1-OKI-78SR-E_V01 Datasheet
1Mb / 20P
   Encapsulated Non-Isolated Switching Regulator DC-DC
OKI-78SR-E MURATA1-OKI-78SR-E Datasheet
1Mb / 20P
   Encapsulated Non-Isolated Switching Regulator DC-DC
2017
logo
New Jersey Semi-Conduct...
1N6309 NJSEMI-1N6309 Datasheet
142Kb / 1P
   500 mW ZENER DIODES, NON CAVITY CONSTRUCTION, METALLURGICALLY BONDED
logo
Panasonic Semiconductor
ECH-U1C332JB5 PANASONIC-ECH-U1C332JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C153JB5 PANASONIC-ECH-U1C153JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
logo
TT Electronics.
HM31 TTELEC-HM31 Datasheet
1Mb / 1P
   Encapsulated Encapsulated Encapsulated Current Sense Transformers
logo
Panasonic Semiconductor
ECH-U1C104JB5 PANASONIC-ECH-U1C104JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com