Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C315C222K1R5TA Datasheet(PDF) 1 Page - Kemet Corporation

Part No. C315C222K1R5TA
Description  Capacitor, ceramic, 2200 pF, /-10% Tol, 100V, X7R, Lead Spacing=0.1"
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

C315C222K1R5TA Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 7/31/2013 - 1e6e499a-9cb5-4ec8-a142-2851ab97b1b9
KEMET Part Number: C315C222K1R5TA
(C315C222K1R5TA)
Capacitor, ceramic, 2200 pF, +/-10% Tol, 100V, X7R, Lead Spacing=0.1"
S
H
LL
L
T
Bo tto m o f
Me n isc u s
F
1.52 m a x
Dimensions (in)
Symbol
Dimension
Tolerance
L
0.15
MAX
H
0.21
MAX
T
0.1
MAX
S
0.1
+/-0.03
LL
0.276
MIN
F
0.02
+0.004/-0.001
K
0.02
Notes:
-Voltage code from part number
-EIA capacity code
General Information
Supplier: KEMET
Specifications
Capacitance: 2200 pF
Lead Spacing: 0.1"
Voltage: 100V
Temperature Coefficient: X7R
Tolerance: +/-10%
Application: Commercial Standard
Temperature Range: -55/+125C
Body Type: Radial Conformal (Dipped)
Lead Type: Standard Leads
Lead Form: Straight
Termination Type: Tin
Packaging Specifications
Package Kind: Bulk
Package Type: Bag
Package Quantity: 500
© 2006-2013 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn