Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0912360001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0912360001
Description  2.54mm Pitch SIM Card Holder with Ejector, 6 Circuits, Vertical Fascia
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0912360001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0912360001 Datasheet HTML 1Page - Molex Electronics Ltd. 0912360001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/21/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
91236-0001
Status:
Active
Overview:
ChipSIM Connectors and Cardholders
Description:
2.54mm Pitch SIM Card Holder with Ejector, 6 Circuits, Vertical Fascia
Documents:
3D Model
Packaging Specification PK-91236-001 (PDF)
Drawing (PDF)
Test Summary STR-1229 (PDF)
Product Specification PS-99020-0071 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Memory Card Sockets
Series
91236
Comments
Vertical Face
Component Type
Card Holder (Host)
Overview
ChipSIM Connectors and Cardholders
Product Name
ChipSIM, SIM
Style
Push-Push
Type
N/A
UPC
800753654150
Physical
Card Detection Switch
N/A
Circuits (Loaded)
6
Color - Resin
Black
Durability (mating cycles max)
5,000
Ejector Button
No
Ejector Button Side
N/A
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Nickel
Material - Resin
Polyester
Net Weight
0.677/g
PCB Locator
No
PCB Mounting Side
N/A
PCB Retention
None
Packaging Type
Bag
Pitch - Mating Interface
2.54mm
Plating min - Mating
0.102µm
Plating min - Termination
1.270µm
Ports
1
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
No
Voltage - Maximum
50V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91236Series
Use With
Card Holder 91228


Similar Part No. - 0912360001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0912360001 MOLEX11-0912360001 Datasheet
114Kb / 3P
   2.54mm (.100") Pitch SIM Card Holder, 6 Circuits, SMT, With Ejector, Use With 91228
More results

Similar Description - 0912360001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91236-0001 MOLEX-91236-0001 Datasheet
44Kb / 3P
   2.54mm Pitch SIM Card Holder with Ejector, 6 Circuits, Vertical Fascia
0912360001 MOLEX11-0912360001 Datasheet
114Kb / 3P
   2.54mm (.100") Pitch SIM Card Holder, 6 Circuits, SMT, With Ejector, Use With 91228
0912283005 MOLEX11-0912283005 Datasheet
649Kb / 9P
   2.54mm (.100") Pitch ChipSIM Connector, 6 Circuits, SMT, With Ejector,With Pegs, Use With Card Holder 91236
0912283001 MOLEX11-0912283001 Datasheet
706Kb / 9P
   2.54mm (.100") Pitch ChipSIM Connector, 6 Circuits, SMT, With Ejector, With Pegs, Use With Card Holder 91236
0912283007 MOLEX11-0912283007 Datasheet
706Kb / 9P
   2.54mm (.100") Pitch ChipSIM Connector, 6 Circuits, SMT, With Ejector,With Pegs, Use With Card Holder 91236
0912283002 MOLEX11-0912283002 Datasheet
706Kb / 9P
   2.54mm (.100") Pitch ChipSIM Connector, 6 Circuits, SMT, With Ejector, With Pegs, Use With Card Holder 91236
0912360002 MOLEX11-0912360002 Datasheet
99Kb / 3P
   2.54mm (.100") Pitch SIM Card Holder, With Slanted Face
0472738001 MOLEX6-0472738001 Datasheet
130Kb / 3P
   2.54mm (.100") Pitch SIM Card Holder, 6 Circuits, SMT, 0.25um (10u") Gold (Au) Plating, with Staggered
0472730001 MOLEX6-0472730001 Datasheet
132Kb / 3P
   2.54mm (.100") Pitch SIM Card Holder, 6 Circuits, SMT, 0.75um (30u") Gold (Au) Plating
0914070002 MOLEX11-0914070002 Datasheet
154Kb / 3P
   2.54mm (.100") Pitch SIM Card Holder, 6 Circuits, SMT, 0.50關m (20u") Gold (Au) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com