Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSCDRRN010MD2A3 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HSCDRRN010MD2A3
Description  TruStability짰 Board Mount Pressure Sensors: HSC Series?밐igh Accuracy
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HSCDRRN010MD2A3 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HSCDRRN010MD2A3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HSCDRRN010MD2A3 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TruStability
® Board Mount
Pressure Sensors:
HSC Series
–High Accuracy
DESCRIPTION
The TruStability
® High Accuracy Silicon Ceramic (HSC) Series
is a piezoresistive silicon pressure sensor offering a digital
output for reading pressure over the specified full scale
pressure span and temperature range.
The HSC Series is fully calibrated and temperature
compensated for sensor offset, sensitivity, temperature effects,
and non-linearity using an on-board Application Specific
Integrated Circuit (ASIC). Calibrated output values for pressure
are updated at approximately 2 kHz.
The HSC Series is calibrated over the temperature range of
0 °C to 50 °C [32 °F to 122 °F]. The sensor is characterized for
operation from a single power supply of either 3.3 Vdc or
5.0 Vdc.
These sensors measure differential and gage pressures.
Differential versions allow application of pressure to either side
of the sensing diaphragm. Gage versions are referenced to
atmospheric pressure and provide an output proportional to
pressure variations from atmosphere.
The HSC Series sensors are intended for use with non-
corrosive, non-ionic working fluids. They are designed and
manufactured according to standards in ISO 9001.
FEATURES AND BENEFITS (=competitive differentiator)
Proprietary Honeywell technology: Combines high
sensitivity with high overpressure and burst pressure
—two
performance factors that are difficult to achieve in the
same product; this gives the customer more flexibility in
sensor implementation and reduces the customer design
requirements for protecting the sensor without sacrificing
the ability to sense very small changes in pressure
Industry-leading long-term stability: Even after long-
term use and thermal extremes, these sensors perform
substantially better relative to stability than any other
pressure sensor available in the industry today:
Minimizes system calibration needs
Maximizes system performance
Helps support system uptime by eliminating the need to
service or replace the sensor during its application life
Industry-leading Total Error Band (TEB): Honeywell
specifies TEB
—the most comprehensive, clear, and
meaningful measurement
—that provides the sensor’s true
accuracy over a compensated range of 0 °C to 50 °C
[32 °F to 122 °F]:
Eliminates individually testing and calibrating every
sensor, which can increase their manufacturing time
and process
Supports system accuracy and warranty requirements
Helps to optimize system uptime
Provides excellent sensor interchangeability
—there is
minimal part-to-part variation in accuracy


Similar Part No. - HSCDRRN010MD2A3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HSCDRRN010BC2A3 HONEYWELL-HSCDRRN010BC2A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
HSCDRRN010BC2A5 HONEYWELL-HSCDRRN010BC2A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
HSCDRRN010BC3A3 HONEYWELL-HSCDRRN010BC3A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
HSCDRRN010BC3A5 HONEYWELL-HSCDRRN010BC3A5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
HSCDRRN010BC4A3 HONEYWELL-HSCDRRN010BC4A3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Digital output,SMT and DIP,60 mbar to 10 bar
More results

Similar Description - HSCDRRN010MD2A3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSCSNBN001BDAA3 HONEYWELL-SSCSNBN001BDAA3 Datasheet
606Kb / 8P
   TruStability짰 HSC Series and SSC Series Board Mount Pressure Sensors, Analog Output
logo
Honeywell Accelerometer...
HSCMAND015PASA5 HONEYWELL-ACC-HSCMAND015PASA5 Datasheet
1Mb / 12P
   TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
NSCDNNN015PAUNV HONEYWELL-ACC-NSCDNNN015PAUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors: NSC Series?밬ncompensated/Unamplified
logo
Honeywell Solid State E...
HAFBLF0050CAAX3 HONEYWELL-HAFBLF0050CAAX3 Datasheet
1Mb / 14P
   HAF Series?밐igh Accuracy
logo
Honeywell Accelerometer...
NSCDANN150PGUNV HONEYWELL-ACC-NSCDANN150PGUNV Datasheet
1Mb / 12P
   TruStability짰 Board Mount Pressure Sensors:NSC Series.Uncompensated/Unamplified
logo
Honeywell Solid State E...
MPRLS0025PA00001A HONEYWELL-MPRLS0025PA00001A Datasheet
3Mb / 26P
   MicroPressure Board Mount Pressure Sensors Compact, High Accuracy, Compensated/Amplified
logo
Honeywell Accelerometer...
HSC HONEYWELL-ACC-HSC Datasheet
4Mb / 33P
   TruStability® Board Mount Pressure Sensors
August 2014
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
logo
Honeywell Accelerometer...
NBPLANN030PGUNV HONEYWELL-ACC-NBPLANN030PGUNV Datasheet
431Kb / 8P
   Basic Board Mount Pressure Sensors: NBP Series??Uncompensated/Unamplified
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC_1 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,60 mbar to,10 bar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com