Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HOA0961-N51 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part No. HOA0961-N51
Description  Transmissive Optoschmitt Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONEYWELL [Honeywell Solid State Electronics Center]
Homepage  http://honeywell.com/Pages/Home.aspx
Logo 

HOA0961-N51 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transmissive Optoschmitt Sensor
HOA096X/097X
DESCRIPTION
FEATURES
Direct TTL interface
Accurate position sensing
Four mounting configurations
Buffer or inverting logic available
Choice of detector aperture
0.125 in.(3.18 mm) slot width
The HOA096X/097X series consists of an infrared
emitting diode facing an Optoschmitt detector encased
in a black thermoplastic housing. Detector switching
takes place whenever an opaque object passes through
the slot between emitter and detector. The
photodetector consists of a photodiode, amplifier,
voltage regulator, Schmitt trigger and an NPN output
transistor with 10 kì (nominal) pull-up resistor. The
user can choose from available options: (1) detector
aperture size, (2) mounting tab configuration, and (3)
housing material.
The HOA096X series utilizes an IR transmissive
polysulfone housing which features smooth optical
faces without external aperture openings; this feature is
desirable when aperture blockage from airborne
contaminants is a possibility. The HOA097X series
employs an opaque polysulfone housing with aperture
openings for use in applications where maximum
rejection of ambient light is important and in situations in
which maximum position resolution is desired. The
HOA096X/097X series employs plastic molded
components. For additional component information see
SEP8506 and SDP8600.
Housing material is polysulfone. Housings are soluble in
chlorinated hydrocarbons and ketones. Recommended
cleaning agents are methanol and isopropanol.
Device Polarity:
Buffer - Output is LO when optical path is blocked.
Inverter - Output is HI when optical path is blocked.
To specify the complete product characteristics, see
PART NUMBER GUIDE.
INFRA-26.TIF
OUTLINE DIMENSIONS in inches (mm)
3 plc decimals
±0.010(0.25)
Tolerance
2 plc decimals
±0.020(0.51)
DIM_066a.cdr
Package T
.495(12.57)
.475(12.07)
.435(11.05)
.415(10.54)
.435(11.05)
.415(10.54)
.435(11.05)
.415(10.54)
PACKAGE N
PACKAGE P
PACKAGE L
.737(18.72)
.717(18.21)
.737(18.72)
.717(18.21)
DIM_41b.ds4
Packages N/P/L
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
356


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn