Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LKT1206F0R5M250R Datasheet(PDF) 2 Page - Kingtronics International Company

Part # LKT1206F0R5M250R
Description  Low Voltage Multilayer Chip Ceramic Capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

LKT1206F0R5M250R Datasheet(HTML) 2 Page - Kingtronics International Company

  LKT1206F0R5M250R Datasheet HTML 1Page - Kingtronics International Company LKT1206F0R5M250R Datasheet HTML 2Page - Kingtronics International Company LKT1206F0R5M250R Datasheet HTML 3Page - Kingtronics International Company LKT1206F0R5M250R Datasheet HTML 4Page - Kingtronics International Company LKT1206F0R5M250R Datasheet HTML 5Page - Kingtronics International Company LKT1206F0R5M250R Datasheet HTML 6Page - Kingtronics International Company LKT1206F0R5M250R Datasheet HTML 7Page - Kingtronics International Company LKT1206F0R5M250R Datasheet HTML 8Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
2
LKT
Low Voltage Multilayer Chip Ceramic
Capacitor
 How To Order
LKT
0805
N
102
J
500
R
|
|
|
|
|
|
|
Series
1.
2.
3.
4.
5.
6
NOTE:
1. Dimensions
Size Code
0402
0603
0805
1206
LxW (inch)
0.04x0.02
0.06x0.03
0.08x0.05
0.12x0.06
2. Dielectric Style
Dielectric Code
N
B
X
F
Dielectric material
NPO
X7R
X5R
Y5V
3. Nominal Capacitance
Unit : pF
102
10X102
Note : First two digits are significant; third digit denotes number of zeros; R = decimal.
0R5
0.5
1R0
1.0
224
22X104
4. Capacitance Tolerance
Code
C
D
J
K
M
Z
Tolerance
±0.25pF
±0.5pF
±5.0%
±10%
±20%
+80%
-20%
5. Rated Voltage
Express
Method
160
250
500
Actual
Value
16V0
25V0
50V0
6. Pb
Code
R
Pb
RoHS


Similar Part No. - LKT1206F0R5M250R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LKT1AF-12V PANASONIC-LKT1AF-12V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-24V PANASONIC-LKT1AF-24V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-5V PANASONIC-LKT1AF-5V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-9V PANASONIC-LKT1AF-9V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
More results

Similar Description - LKT1206F0R5M250R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
08055A101JAT2A AVX-08055A101JAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com