Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LKT1206X0R5D250R Datasheet(PDF) 5 Page - Kingtronics International Company

Part # LKT1206X0R5D250R
Description  Low Voltage Multilayer Chip Ceramic Capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

LKT1206X0R5D250R Datasheet(HTML) 5 Page - Kingtronics International Company

  LKT1206X0R5D250R Datasheet HTML 1Page - Kingtronics International Company LKT1206X0R5D250R Datasheet HTML 2Page - Kingtronics International Company LKT1206X0R5D250R Datasheet HTML 3Page - Kingtronics International Company LKT1206X0R5D250R Datasheet HTML 4Page - Kingtronics International Company LKT1206X0R5D250R Datasheet HTML 5Page - Kingtronics International Company LKT1206X0R5D250R Datasheet HTML 6Page - Kingtronics International Company LKT1206X0R5D250R Datasheet HTML 7Page - Kingtronics International Company LKT1206X0R5D250R Datasheet HTML 8Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
5
LKT
Low Voltage Multilayer Chip Ceramic
Capacitor
11. Bending
Dielectrics
Specification
Testing Condition
NPO
No remarkable visual damage
Cp change ≤ ±5% or ≤ 0.5 pF
Solder the capacitor on testing substrate and put it on
testing stand. The middle part of substrate shall
successively be pressurized by pressuring rod at a rated of
about 1.0mm/sec. Until the deflection become means of the
1.0mm.
X7R/X5R
No remarkable visual damage
Cp change ≤ ±12.5%
Y5V
No remarkable visual damage
Cp change ≤ ±30%
12. Resistance to Soldering Heat
Dielectrics
Specification
Testing Condition
NPO
No remarkable visual damage
Cp change within ±2.5% or ±0.25pF,
whichever is larger.
DF meets initial standard value.
IR meets initial standard value.
Soldering temperature: 270±5℃
Preheating: 120~150
60sec.
Dipping time: 10±1 seconds.
Measurement to be made after being kept at room
temperature for 24±2 (COG) or 48±4(X7R ,X5R, Y5V)
hours.
Recovery for the following period under the standard
condition after test.
*Initial measurement for high dielectric constant type
Perform a heat treatment at 140~150
for 1hr and let sit
for 48±4hrs at room temperature. Perform the initial
measurement.
X7R/X5R
No remarkable visual damage
Cp change within ±5%
DF meets initial standard value.
IR meets initial standard value.
Y5V
No remarkable visual damage
Cp change within ±20%
DF meets initial standard value.
IR meets initial standard value.
13. Temperature Cycle
Dielectrics
Specification
Testing Condition
NPO
No remarkable visual damage
Cp change within ±2.5% or ±0.25pF,
whichever is larger.
To perform 5 cycles of the stated environment:
Step
Temperature
Time
1
Min. operating Temp.+0/-3℃
30min
2
25℃
2~3 min
3
Max. operating Temp.+0/-3℃
30 min
X7R/X5R
No remarkable visual damage
Cp change within ±7.5%
4
25℃
2~3 min
Measurement to be made after being kept at room
temperature for 24±2hrs (COG) or 48±4hrs (X7R, X5R,
Y5V) at room temperature, then measure.
*Initial measurement for high dielectric constant type
Perform a heat treatment at 140~150℃ for 1hr and let sit
for 48±4hrs at room temperature.
Perform the initial measurement.


Similar Part No. - LKT1206X0R5D250R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LKT1AF-12V PANASONIC-LKT1AF-12V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-24V PANASONIC-LKT1AF-24V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-5V PANASONIC-LKT1AF-5V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-9V PANASONIC-LKT1AF-9V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
More results

Similar Description - LKT1206X0R5D250R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
08055A101JAT2A AVX-08055A101JAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com