Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKT-3R-90AL3 Datasheet(PDF) 2 Page - Kingtronics International Company

Part # SKT-3R-90AL3
Description  SKT - Surge Arresters 3-Electrode Ceramic Surge Arrester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

SKT-3R-90AL3 Datasheet(HTML) 2 Page - Kingtronics International Company

  SKT-3R-90AL3 Datasheet HTML 1Page - Kingtronics International Company SKT-3R-90AL3 Datasheet HTML 2Page - Kingtronics International Company SKT-3R-90AL3 Datasheet HTML 3Page - Kingtronics International Company SKT-3R-90AL3 Datasheet HTML 4Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
2
COMMON DIMENSIONS
Electrical Characteristics
Type
DC
spark over
voltage
(100V/s)
V
Impulse
spark over
voltage
(1KV/us)
V
Impulse
discharge
current
(10/1000us
300times)
A
Impulse
discharge
current
(8/20us
10times)
KA
AC
discharge
current
(50Hz 1s 5
times) A
Holdover
Voltage
V
Insulation
resistance
Capacitance
pF
Transverse
voltage
durationns
SKT-3R-75AL1
SKT-3R-75AL2
SKT-3R-75AL3
SKT-3R-75AL4
75±25%
≤600
50
10
10
/
≥1010
<1.5
200
SKT-3R-90AL1
SKT-3R-90AL2
SKT-3R-90AL3
SKT-3R-90AL4
90±25%
≤600
50
10
10
/
≥1010
<1.5
200
SKT-3R-150AL1
SKT-3R-150AL2
SKT-3R-150AL3
SKT-3R-150AL4
150±20%
≤700
100
10
10
80
≥1010
<1
200
≤800
100
SKT-3R-230AL1
SKT-3R-230AL2
SKT-3R-230AL3
SKT-3R-230AL4
+30
230
-40
≤500
/
10
10
135
≥1010
<1
200
≤800
100
SKT-3R-350AL1
SKT-3R-350AL2
SKT-3R-350AL3
SKT-3R-350AL4
350±20%
≤600
/
10
10
135
≥1010
<1
200
≤900
100
SKT-3R-470AL1
SKT-3R-470AL2
SKT-3R-470AL3
SKT-3R-470AL4
470±20%
≤700
/
10
10
135
≥1010
<1
200
SKT-3R-600AL1
SKT-3R-600AL2
SKT-3R-600AL3
SKT-3R-600AL4
600±20%
≤1200
100
10
10
135
≥1010
<1
200
Note: Specification are subject to change without notice.


Similar Part No. - SKT-3R-90AL3

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
SKT-2R-150A1 KINGTRONICS-SKT-2R-150A1 Datasheet
581Kb / 5P
   SKT - Surge Arresters 2-Electrode Ceramic Surge Arrester
SKT-2R-150A2 KINGTRONICS-SKT-2R-150A2 Datasheet
581Kb / 5P
   SKT - Surge Arresters 2-Electrode Ceramic Surge Arrester
SKT-2R-150A5 KINGTRONICS-SKT-2R-150A5 Datasheet
581Kb / 5P
   SKT - Surge Arresters 2-Electrode Ceramic Surge Arrester
SKT-2R-150A5L KINGTRONICS-SKT-2R-150A5L Datasheet
581Kb / 5P
   SKT - Surge Arresters 2-Electrode Ceramic Surge Arrester
SKT-2R-150A6L KINGTRONICS-SKT-2R-150A6L Datasheet
581Kb / 5P
   SKT - Surge Arresters 2-Electrode Ceramic Surge Arrester
More results

Similar Description - SKT-3R-90AL3

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
SKT-2R-75D KINGTRONICS-SKT-2R-75D Datasheet
581Kb / 5P
   SKT - Surge Arresters 2-Electrode Ceramic Surge Arrester
logo
EPCOS
B88069X4030T902 EPCOS-B88069X4030T902 Datasheet
70Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X8630 EPCOS-B88069X8630 Datasheet
67Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X9420B502 EPCOS-B88069X9420B502 Datasheet
66Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X3280B502 EPCOS-B88069X3280B502 Datasheet
57Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X9360B502 EPCOS-B88069X9360B502 Datasheet
49Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X9580B202 EPCOS-B88069X9580B202 Datasheet
28Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X6990B102 EPCOS-B88069X6990B102 Datasheet
25Kb / 2P
   SURGE ARRESTER 3-electrode arrester
B88069X2331T902 EPCOS-B88069X2331T902 Datasheet
69Kb / 4P
   SURGE ARRESTER 3-electrode arrester
B88069X8160B502 EPCOS-B88069X8160B502 Datasheet
62Kb / 4P
   SURGE ARRESTER 3-electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com