Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKT-3309 Datasheet(PDF) 1 Page - Kingtronics International Company

Part No. RKT-3309
Description  RKT-3309 Round Trimming Potentiometer 9mm
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGTRONICS [Kingtronics International Company]
Homepage  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

RKT-3309 Datasheet(HTML) 1 Page - Kingtronics International Company

  RKT-3309 Datasheet HTML 1Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
RKT-3309
Round Trimming Potentiometer 9mm
Single Turn/ Cermet/ Industrial
2 Terminal Styles
Note: Specification are subject to change without notice.
Electrical Characteristics
Standard Resistance Range
10Ω - 2MΩ
Resistance Tolerance
±30
% std
Absolute Minimum
Resistance
1% max
(≤2K=30Ω)
Contact Resistan e Variation
3% max
Resistance
Essentially infinite
Adjustment Angle
235° nom
Environmental Characteristics
Power Rating (50VCD max)
70℃, 0.5W
Temperature Range
-30℃ ~ +100℃
Temperature Coefficient
±
250ppm/℃
Load Life
1,000 hours 0.5W
@70℃ (3% ΔTR)
Physical Characteristics
Mechanical Angle
260°±10°
Toque (Operating)
4.0oz-in.max
Stop Strength
7.0oz-in.max
Terminals
Solderable pins
Marking
Manufacturer’s Trademark,
resistance code, date code
Standard packaging
200pcs. Per bag
Adjustment Tool
H-90
Aqueous cleaning not recommended
How to Order
RKT-3309 --- W --- 1 --- 103 --- R
Model
Style
-1 = Standard Product
Resistance Code
RoHS
Resistance Table
Resistance(Ohms) Resistance Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
Special resistances available.
Common Dimensions
Common Dimensions
Top/Bottom Adjust
Common Dimensions
RKT-3309P-2
SUGGESTED PWB LAYOUT – RKT-3309P-2
RKT-3309P-2 Both Sides Adjust/Cross Slot
Silde Adjust
Common Dimensions
RKT-3309W-1 Single Side (Front) Adjust
WIPER 2(d)
CLOCKWISE
Tolerance is ±0.25 if no identification


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn