Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKT-3299 Datasheet(PDF) 1 Page - Kingtronics International Company

Part No. RKT-3299
Description  RKT-3299 Square Trimmer Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGTRONICS [Kingtronics International Company]
Homepage  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

RKT-3299 Datasheet(HTML) 1 Page - Kingtronics International Company

  RKT-3299 Datasheet HTML 1Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
RKT-3299
Square Trimmer Potentiometer
Electrical Characteristics
Standard Resistance Range
10 to 2 meg ohms
(see standard resistance table)
Resistance Tolerance
±10% std.
(tighter tolerance available)
Absolute Minimum
Resistance
1% or 2 ohms max.
(Whichever is greater)
Contact Resistance Variation
1.0% or 3 ohms max.
(Whichever is greater)
Adjustability
Voltage
±0.01%
Resistance
±0.05%
Resolution
Infinite
Insulation Resistance
500 VDC.
1000 meg ohms min.
Dielectric Strength
Sea Level
900 VAC.
70000 Feel
350 VAC.
Effective Travel
25 turns nom.
Environmental Characteristics
Power Rating (300 volts max.)
70℃
0.5 watt
125℃
0 watt
Temperature Range
-55
to +125
℃℃
Temperature Coefficient
±200 or ±100 ppm/℃
Seal Test
85
Fluorinert
Humidity
MIL-STD-202 Method 103 96
hours(2%
TR;10 Meg ohms
IR
Vibration
△△
20G(1%
TR;1%
VR)
Shock
△△
100G(1%
TR;1%
VR)
Load Life
10000 hours 0.5 watt@70℃
(3%
TR;3% or 3 ohms,
Whichever is greater, CRV)
Rotational Life
200 cycles(4%TR;3% or 3
ohms, Whichever is greater,
CRV)
Physical Characteristics
Torque
3.0 oz-in. max
Mechanical Stops
Wiper idles
Ternubaks
Solderable pins
Weight
0.035 oz.
Marking
Manufacturer’s trademark,
resistance code, wiring diagram,
date code, manufacturer’s
model number and style
Wiper
50%(Actual TR) ±10%
Flammability
U.L.94V-0
Standard Packaging
50 pcs. per tube
Adjustment Tool
H-90
Common Dimensions
RKT-3299P
BOTTOM VIEW
RKT-3299W
RKT-3299X
RKT-3299Y
RKT-3299Z
How to Order
RKT-3299 – W –1
103–LF
Model
Style
Standard or Modified P
roduct Indicator
-1=Standard Product
Resistance Code
Terminations
LF=100% Tin-plated (RoHS compliant)
Blank=90% Tin/10% Lead-plated(Standard)
Consult factory for other available options
Tolerance:±0.25(.010)Except Where Noted
DIMENSLONSARE:
Resistance Table
Resistance (Ohms)
Resistance Code
10
100
20
200
50
500
100
101
200
201
500
501
1000
102
2000
202
5000
502
10000
103
20000
203
25000
253
50000
503
100000
104
200000
204
250000
254
500000
504
1000000
105
2000000
205
Popular distribution resistance values listed in
boldface. Special resistances available.
Note: Specification are subject to change without notice.
BOTTOM VIEW
MIN.
BOTTOMVIEW
BOTTOMVIEW
BOTTOMVIEW
WIPER
CLOCKWISE
CW
CCW
MM
(INCHES)


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn