Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKT-3266 Datasheet(PDF) 1 Page - Kingtronics International Company

Part No. RKT-3266
Description  RKT-3266 SQUARE TRIMMING POTENTIOMETER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGTRONICS [Kingtronics International Company]
Homepage  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

RKT-3266 Datasheet(HTML) 1 Page - Kingtronics International Company

  RKT-3266 Datasheet HTML 1Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
RKT-3266
SQUARE TRIMMING POTENTIOMETER
FEATURES
Multiturn/ Cermet/ Industrial/ Sealed
5 Terminal Styles
Electrical Characteristics
Standard Resistance
Range
10Ω - 5MΩ
Resistance Tolerance
±10% ; ±20% for 10 ohm
Absolute Minimum
Resistance
≤10Ω(100Ω≤R≤1KΩ)
≤1%R(R>1KΩ)
Contact Resistance
Variation
CRV≤3% or 5Ω
whichever is larger)
Insulation Resistance
R1≥1GΩ(100Vac)
Withstand Voltage
220VDC
Effective Travel
12±2 turns nom
Environmental Characteristics
Power Rating
(315volts max)
0.25W@70℃, 0W@125℃
Temperature Range
-55℃ ~ +125℃
Temperature
Coefficient
±200ppm/℃
(±100ppm/℃ on request)
Temperature Variation
-55℃,30min, +125℃
30min, 5 cycles
ΔR≤5%R.Δ(Uab/Uac)≤5%
Vibration
10 – 500Hz, 0.75mm, 6h
ΔR≤5%R,Δ(Uab/Uac)≤7.5%
Collision
390m/s2,4000cycles,ΔR≤5%R
Electrical Endurance at
70℃
0.25W@70℃
1000h, ΔR≤10%R
CRV≤3% or 5Ω
whichever is larger)
Rotational Life
200 cycles
ΔR≤10%R,CRV≤3% or 5Ω
Physical Characteristics
Starting Torque
≤35mN·m
Marking
Resistance Tolerance
(When no identification,
it is of ± 10%)
Resistance Code, Model
Standard Packaging
50pcs, per tube
Note: Specification are subject to change without notice.
Common Dimensions
RKT-3266P
RKT-3266W
RKT-3266Y
RKT-3266X
RKT-3266Z
How to Order
RKT-3266 --- W --- 103 -- R
Model
Style
Resistance Code
RoHS
WIPER 2(d)
CLOCKWISE
Tolerance is ±0.25 if no identification
Resistance Table
Resistance(Ohms)
Resistance Code
10
100
20
200
50
500
100
101
150
151
200
201
250
251
300
301
470
471
500
501
680
681
1,000
102
1,500
152
2,000
202
2,200
222
2,500
252
3,000
302
4,700
472
5,000
502
6,800
682
10,000
103
15,000
153
20,000
203
22,000
223
25,000
253
30,000
303
33,000
333
47,000
473
50,000
503
68,000
683
100,000
104
150,000
154
200,000
204
220,000
224
250,000
254
300,000
304
330,000
334
470,000
474
500,000
504
680,000
684
1,000,000
105
2,000,000
205
2,200,000
225
5,000,000
505
Special resistances available.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn