Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKT-065 Datasheet(PDF) 1 Page - Kingtronics International Company

Part No. RKT-065
Description  RKT-065 TRIMMING POTENTIOMETER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGTRONICS [Kingtronics International Company]
Homepage  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

RKT-065 Datasheet(HTML) 1 Page - Kingtronics International Company

  RKT-065 Datasheet HTML 1Page - Kingtronics International Company RKT-065 Datasheet HTML 2Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
RKT-065
TRIMMING POTENTIOMETER
FEATURES
Single Turn/ Phenolic/ Industrial
Common Dimensions
RKT-065
RKT-063
Electrical Characteristics
Standard Resistance Range
100Ω - 2MΩ
Resistance Tolerance
±30%
Residual Resistance
Max 5% of Nominnal Resistance,
But under 30Ω
Resistance Taper
Linear (B)
Rated Power
0.1W
Operating Voltage
50V Max
Potational Life
Max ±5% change in resistance after
100 unloaded rotations
Load Life
Max ±5% change in resistance after
3 hours loaded
Mechanical Characteristics
Rotational Angle
200° ± 20°
Rotational Torque
30~350g.cm
Stop-end Strength
500g.cm minimum
Climatic Characteristics
Operating Temp
-25℃ ~ 40℃
Temp Characteristics
+5~ -10% change in NR after 5 hours
at 70℃
Humidity Char
Maximum resistance change within
±20% after 500hours unloaded at
40℃ and R.H.95%
Soldering Conditions
Temperature
260℃
Time
3 seconds


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn