Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W01 Datasheet(PDF) 14 Page - Kingtronics International Company

Part # W01
Description  BRIDGE RECTIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

W01 Datasheet(HTML) 14 Page - Kingtronics International Company

Back Button W01 Datasheet HTML 10Page - Kingtronics International Company W01 Datasheet HTML 11Page - Kingtronics International Company W01 Datasheet HTML 12Page - Kingtronics International Company W01 Datasheet HTML 13Page - Kingtronics International Company W01 Datasheet HTML 14Page - Kingtronics International Company W01 Datasheet HTML 15Page - Kingtronics International Company W01 Datasheet HTML 16Page - Kingtronics International Company W01 Datasheet HTML 17Page - Kingtronics International Company W01 Datasheet HTML 18Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
14
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
BR1508W
800
15.0
300
17.5
1.1
5.0
500
1.5
-55~+125
BR-W
BR1510W
1000
15.0
300
17.5
1.1
5.0
500
1.5
-55~+125
BR-W
BR25005W
50
25.0
400
25
1.1
5.0
500
1.5
-55~+125
BR-W
BR2501W
100
25.0
400
25
1.1
5.0
500
1.5
-55~+125
BR-W
BR2502W
200
25.0
400
25
1.1
5.0
500
1.5
-55~+125
BR-W
BR2504W
400
25.0
400
25
1.1
5.0
500
1.5
-55~+125
BR-W
BR2506W
600
25.0
400
25
1.1
5.0
500
1.5
-55~+125
BR-W
BR2508W
800
25.0
400
25
1.1
5.0
500
1.5
-55~+125
BR-W
BR2510W
1000
25.0
400
25
1.1
5.0
500
1.5
-55~+125
BR-W
BR35005W
50
35.0
400
7.5
1.1
5.0
500
1.5
-55~+125
BR-W
BR3501W
100
35.0
400
7.5
1.1
5.0
500
1.5
-55~+125
BR-W
BR3502W
200
35.0
400
7.5
1.1
5.0
500
1.5
-55~+125
BR-W
BR3504W
400
35.0
400
7.5
1.1
5.0
500
1.5
-55~+125
BR-W
BR3506W
600
35.0
400
7.5
1.1
5.0
500
1.5
-55~+125
BR-W
BR3508W
800
35.0
400
7.5
1.1
5.0
500
1.5
-55~+125
BR-W
BR3510W
1000
35.0
400
7.5
1.1
5.0
500
1.5
-55~+125
BR-W
BR50005W
50
50.0
500
12.5
1.1
5.0
500
1.5
-55~+125
BR-W
BR5001W
100
50.0
500
12.5
1.1
5.0
500
1.5
-55~+125
BR-W
BR5002W
200
50.0
500
12.5
1.1
5.0
500
1.5
-55~+125
BR-W
BR5004W
400
50.0
500
12.5
1.1
5.0
500
1.5
-55~+125
BR-W
BR5006W
600
50.0
500
25
1.1
5.0
500
1.5
-55~+125
BR-W
BR5008W
800
50.0
500
25
1.1
5.0
500
1.5
-55~+125
BR-W
BR5010W
1000
50.0
500
25
1.1
5.0
500
1.5
-55~+125
BR-W
GBPC15005
50
15.0
300
7.5
1.1
5.0
500
1.5
-55~+150
GBPC
GBPC1501
100
15.0
300
7.5
1.1
5.0
500
1.5
-55~+150
GBPC
GBPC1502
200
15.0
300
7.5
1.1
5.0
500
1.5
-55~+150
GBPC
GBPC1504
400
15.0
300
7.5
1.1
5.0
500
1.5
-55~+150
GBPC
GBPC1506
600
15.0
300
7.5
1.1
5.0
500
1.5
-55~+150
GBPC
GBPC1508
800
15.0
300
7.5
1.1
5.0
500
1.5
-55~+150
GBPC
GBPC1510
1000
15.0
300
7.5
1.1
5.0
500
1.5
-55~+150
GBPC
GBPC25005
50
25.0
400
12.5
1.1
5.0
500
1.5
-55~+150
GBPC
GBPC2501
100
25.0
400
12.5
1.1
5.0
500
1.5
-55~+150
GBPC
Note: Specifications are subject to change without notice.


Similar Part No. - W01

ManufacturerPart #DatasheetDescription
logo
Surge Components
W01 SURGE-W01 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Daya Electric Group Co....
W01 DAYA-W01 Datasheet
94Kb / 2P
   1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Suntan Capacitors
W01 SUNTAN-W01 Datasheet
328Kb / 2P
   Ideal for printed circuit board
logo
Semtech Corporation
W01 SEMTECH-W01 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
CHENG-YI ELECTRONIC CO....
W01 CHENG-YI-W01 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - W01

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com