Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB153S Datasheet(PDF) 3 Page - Kingtronics International Company

Part # DB153S
Description  BRIDGE RECTIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

DB153S Datasheet(HTML) 3 Page - Kingtronics International Company

  DB153S Datasheet HTML 1Page - Kingtronics International Company DB153S Datasheet HTML 2Page - Kingtronics International Company DB153S Datasheet HTML 3Page - Kingtronics International Company DB153S Datasheet HTML 4Page - Kingtronics International Company DB153S Datasheet HTML 5Page - Kingtronics International Company DB153S Datasheet HTML 6Page - Kingtronics International Company DB153S Datasheet HTML 7Page - Kingtronics International Company DB153S Datasheet HTML 8Page - Kingtronics International Company DB153S Datasheet HTML 9Page - Kingtronics International Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
3
BRIDGE RECTIFIER
Max.Reverse
Voltage
Max.Aver.
Rect.Current
Peak
Fwd.
Surge
Current
Max.Fwd.
Voltage
@25℃ & Rated
Io
Maximum Reverse
Current@Rated VRM &
Tc
Typical Thermal
Resist.
Operation
Temp.
Range
TYPE
NO.
VRM(V)
Io(A)
IFSM(A)
Rated
Io(A)
VF(V)
IR@25℃
IR(uA)
IR@100℃
IR(uA)
RθJA/RθJL(℃/W)
Tj(℃)
Package
RB156
800
1.5
35
1.0
1.0
10
500
36
-55~+125
WOB
RB157
1000
1.5
35
1.0
1.0
10
500
36
-55~+125
WOB
2W005
50
2.0
35
2.0
1.1
10
500
40
-55~+125
WOB
2W01
100
2.0
35
2.0
1.1
10
500
40
-55~+125
WOB
2W02
200
2.0
35
2.0
1.1
10
500
40
-55~+125
WOB
2W04
400
2.0
35
2.0
1.1
10
500
40
-55~+125
WOB
2W06
600
2.0
35
2.0
1.1
10
500
40
-55~+125
WOB
2W08
800
2.0
35
2.0
1.1
10
500
40
-55~+125
WOB
2W10
1000
2.0
35
2.0
1.1
10
500
40
-55~+125
WOB
KBP2005
50
2.0
35
2.0
1.1
10
5001)
25
-55~+150
KBP
KBP201
100
2.0
35
2.0
1.1
10
5001)
25
-55~+150
KBP
KBP202
200
2.0
35
2.0
1.1
10
5001)
25
-55~+150
KBP
KBP204
400
2.0
35
2.0
1.1
10
5001)
25
-55~+150
KBP
KBP206
600
2.0
35
2.0
1.1
10
5001)
25
-55~+150
KBP
KBP208
800
2.0
35
2.0
1.1
10
5001)
25
-55~+150
KBP
KBP210
1000
2.0
35
2.0
1.1
10
5001)
25
-55~+150
KBP
KBP2005G
50
2.0
60
2.0
1.1
10
500
25
-55~+150
KBP
KBP201G
100
2.0
60
2.0
1.1
10
500
25
-55~+150
KBP
KBP202G
200
2.0
60
2.0
1.1
10
500
25
-55~+150
KBP
KBP204G
400
2.0
60
2.0
1.1
10
500
25
-55~+150
KBP
KBP206G
600
2.0
60
2.0
1.1
10
500
25
-55~+150
KBP
KBP208G
800
2.0
60
2.0
1.1
10
500
25
-55~+150
KBP
KBP210G
1000
2.0
60
2.0
1.1
10
500
25
-55~+150
KBP
KBP3005
50
3.0
60
3.0
1.1
10
5001)
30
-55~+150
KBP
KBP301
100
3.0
60
3.0
1.1
10
5001)
30
-55~+150
KBP
KBP302
200
3.0
60
3.0
1.1
10
5001)
30
-55~+150
KBP
KBP304
400
3.0
60
3.0
1.1
10
5001)
30
-55~+150
KBP
KBP306
600
3.0
60
3.0
1.1
10
5001)
30
-55~+150
KBP
KBP308
800
3.0
60
3.0
1.1
10
5001)
30
-55~+150
KBP
KBP310
1000
3.0
60
3.0
1.1
10
5001)
30
-55~+150
KBP
KBL4005
50
4.0
120
2.0/4.0
1.0/1.1
10
500
2.4
-55~+150
KBL
Note:1)TA=125℃
Note: Specifications are subject to change without notice.


Similar Part No. - DB153S

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
DB153S CHENDA-DB153S Datasheet
590Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Rectron Semiconductor
DB153S RECTRON-DB153S Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Formosa MS
DB153S FORMOSA-DB153S Datasheet
1Mb / 7P
   SMD bridge Rectifier
logo
DIYI Electronic Technol...
DB153S DYELEC-DB153S Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
DB153S YIXIN-DB153S Datasheet
170Kb / 2P
   SURFACE MOUNT
More results

Similar Description - DB153S

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
   Phase Rectifier Bridge Rectifier Bridge
logo
Semikron International
SK35D12F SEMIKRON-SK35D12F Datasheet
377Kb / 3P
   Bridge Rectifier
SKDT145 SEMIKRON-SKDT145_06 Datasheet
464Kb / 3P
   Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
   Bridge Rectifier
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
   Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
   Bridge Rectifier
logo
Formosa MS
DBL101S FORMOSA-DBL101S Datasheet
158Kb / 2P
   Bridge Rectifier
KBPC10005 FORMOSA-KBPC10005 Datasheet
220Kb / 2P
   Bridge Rectifier
DB151 FORMOSA-DB151 Datasheet
1Mb / 6P
   Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
   RECTIFIER BRIDGE
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
   Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com