Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LKT0603B0R5J160R Datasheet(PDF) 7 Page - Kingtronics International Company

Part # LKT0603B0R5J160R
Description  Low Voltage Multilayer Chip Ceramic Capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

LKT0603B0R5J160R Datasheet(HTML) 7 Page - Kingtronics International Company

  LKT0603B0R5J160R Datasheet HTML 1Page - Kingtronics International Company LKT0603B0R5J160R Datasheet HTML 2Page - Kingtronics International Company LKT0603B0R5J160R Datasheet HTML 3Page - Kingtronics International Company LKT0603B0R5J160R Datasheet HTML 4Page - Kingtronics International Company LKT0603B0R5J160R Datasheet HTML 5Page - Kingtronics International Company LKT0603B0R5J160R Datasheet HTML 6Page - Kingtronics International Company LKT0603B0R5J160R Datasheet HTML 7Page - Kingtronics International Company LKT0603B0R5J160R Datasheet HTML 8Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
7
LKT
Low Voltage Multilayer Chip Ceramic
Capacitor
Packing
1. Tape Packing
Paper Tape: Standard taping (8mm paper width) suitable to 0603,0805,4Kpcs/reel
To 0402, 10Kpcs/reel.
Plastic Tape: Suitable 0805, 1206 sizes, for chip thickness over 0.95 mm, 4Kpcs/reel
or 3Kpcs/reel are available.
2. Dimensions of Packing Paper:
Type
A
B
C
D
T
0402
0.65±0.10
1.15±0.10
2.0±0.05
2.0±0.05
0.8max
0603
1.05±0.10
1.85±0.10
4.0±0.10
2.0±0.10
1.1max
0805
1.55±0.15
2.3±0.15
4.0±0.10
2.0±0.10
1.1max
1206
1.95±0.15
3.5±0.15
4.0±0.10
2.0±0.10
1.1max
3. Dimensions of Embossed Packing
A:1.45±0.20
B:2.25±0.20 (0805)
A:1.95±0.20
B:3.50±0.20 (1206)


Similar Part No. - LKT0603B0R5J160R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LKT1AF-12V PANASONIC-LKT1AF-12V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-24V PANASONIC-LKT1AF-24V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-5V PANASONIC-LKT1AF-5V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-9V PANASONIC-LKT1AF-9V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
More results

Similar Description - LKT0603B0R5J160R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
08055A101JAT2A AVX-08055A101JAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com