Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM18AG102SN1 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # BLM18AG102SN1
Description  DESIGN ENGINEERING KITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18AG102SN1 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button BLM18AG102SN1 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. BLM18AG102SN1 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. BLM18AG102SN1 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. BLM18AG102SN1 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. BLM18AG102SN1 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. BLM18AG102SN1 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. BLM18AG102SN1 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. BLM18AG102SN1 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. BLM18AG102SN1 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
16
Note: Design Kit Contents are subject to change without notice.
G-06-G
DESIGN ENGINEERING KITS
CERAMIC CHIP CAPACITORS
ASCAP Hi-Frequency 0505 (150 VDC)
1111 (50 to 500 VDC)
I
Miniature sizes (0505 and 1111)
I
Very high Q at high frequency
I
High RF power capabilities
I
Impervious to environmental conditions
I
Low noise
I
Base stations and RF power supplies
I
Miniature sizes (0505 and 1111)
I
Very high Q at high frequency
I
High RF power capabilities
I
Impervious to environmental conditions
I
Low noise
I
Base stations and RF power supplies
No.
Description
Murata Global P/N
Qty.
1
0505/P090/0.3pF/150V
MA190R3BAB
5
2
0505/P090/0.5pF/150V
MA190R5BAB
5
3
0505/P090/0.7pF/150V
MA190R7BAB
5
4
0505/P090/1.0pF/150V
MA191R0BAB
5
5
0505/P090/1.2pF/150V
MA191R2CAB
5
6
0505/P090/1.5pF/150V
MA191R5CAB
5
7
0505/P090/1.8pF/150V
MA191R8CAB
5
8
0505/P090/2.2pF/150V
MA192R2CAB
5
9
0505/P090/2.7pF/150V
MA192R7CAB
5
10
0505/P090/3.3pF/150V
MA193R3CAB
5
11
0505/P090/3.9pF/150V
MA193R9CAB
5
12
0505/P090/4.7pF/150V
MA194R7CAB
5
13
0505/P090/5.6pF/150V
MA195R6DAB
5
14
0505/P090/6.8pF/150V
MA196R8DAB
5
15
0505/P090/8.2pF/150V
MA198R2DAB
5
16
0505/P090/10pF/150V
MA19100JAB
5
17
0505/P090/12pF/150V
MA19120JAB
5
18
0505/P090/15pF/150V
MA19150JAB
5
19
0505/P090/18pF/150V
MA19180JAB
5
20
0505/P090/22pF/150V
MA19220JAB
5
21
0505/P090/27pF/150V
MA19270JAB
5
22
0505/P090/33pF/150V
MA19330JAB
5
23
0505/P090/39pF/150V
MA19390JAB
5
24
0505/P090/47pF/150V
MA19470JAB
5
25
0505/P090/56pF/150V
MA19560JAB
5
26
0505/P090/68pF/150V
MA19680JAB
5
27
0505/P090/82pF/150V
MA19820JAB
5
MA19-HIQ0505KIT-E-
No.
Description
Murata Global P/N
Qty.
1
1111/P090/0.3pF/500V
MA290R3BAB
5
2
1111/P090/0.5pF/500V
MA290R5BAB
5
3
1111/P090/0.7pF/500V
MA290R7BAB
5
4
1111/P090/1.0pF/500V
MA291R0BAB
5
5
1111/P090/1.2pF/500V
MA291R2CAB
5
6
1111/P090/1.5pF/500V
MA291R5CAB
5
7
1111/P090/1.8pF/500V
MA291R8CAB
5
8
1111/P090/2.2pF/500V
MA292R2CAB
5
9
1111/P090/2.7pF/500V
MA292R7CAB
5
10
1111/P090/3.3pF/500V
MA293R3CAB
5
11
1111/P090/3.9pF/500V
MA293R9CAB
5
12
1111/P090/4.7pF/500V
MA294R7CAB
5
13
1111/P090/5.6pF/500V
MA295R6DAB
5
14
1111/P090/6.8pF/500V
MA296R8DAB
5
15
1111/P090/8.2pF/500V
MA298R2DAB
5
16
1111/P090/10pF/500V
MA29100JAB
5
17
1111/P090/12pF/500V
MA29120JAB
5
18
1111/P090/15pF/500V
MA29150JAB
5
19
1111/P090/18pF/500V
MA29180JAB
5
20
1111/P090/22pF/500V
MA29220JAB
5
21
1111/P090/27pF/500V
MA29270JAB
5
22
1111/P090/33pF/500V
MA29330JAB
5
23
1111/P090/39pF/500V
MA29390JAB
5
24
1111/P090/47pF/500V
MA29470JAB
5
25
1111/P090/56pF/500V
MA29560JAB
5
26
1111/P090/68pF/500V
MA29680JAB
5
27
1111/P090/82pF/500V
MA29820JAB
5
28
1111/P090/100pF/500V
MA29101JAB
5
29
1111/P090/150pF/300V
MA29151JAB
5
30
1111/P090/220pF/200V
MA29221JAB
5
31
1111/P090/330pF/200V
MA29331JAB
5
32
1111/P090/470pF/200V
MA29471JAB
5
33
1111/P090/680pF/50V
MA29681JAB
5
34
1111/P090/1000pF/50V
MA29102JAB
5
MA29-HIQ1111KIT-E-
NOTE: Custom MA20 (non-magnetic) kits are available for MRI and other Medical applications. For availability, check
with your Murata Sales Contact.


Similar Part No. - BLM18AG102SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18AG102SN1 MURATA-BLM18AG102SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
BLM18AG102SN1 MURATA-BLM18AG102SN1 Datasheet
2Mb / 88P
   EMI Suppression Filters
BLM18AG102SN1 MURATA-BLM18AG102SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM18AG102SN1 MURATA1-BLM18AG102SN1 Datasheet
246Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/30/2022
BLM18AG102SN1B MURATA1-BLM18AG102SN1B Datasheet
246Kb / 3P
   The chip ferrite beads BLM series is designed to function nearly as a resistor at noise frequencies, which greatly reduces the possibility of resonance and leaves signal wave forms undistorted.
Last updated06/30/2022
More results

Similar Description - BLM18AG102SN1

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
   Engineering Development/Design Sample Kits
logo
Johanson Technology Inc...
S-0603 JOHANSON-S-0603 Datasheet
61Kb / 2P
   CERAMIC CAPACITOR ENGINEERING DESIGN KITS
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
   Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
   Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
   Engineering Development/Design Sample Kits
GDE25K TRIAD-GDE25K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
logo
Kemet Corporation
T495C107M006ATE150 KEMET-T495C107M006ATE150 Datasheet
132Kb / 2P
   Tantalum Chip Engineering Kits
logo
EAO AG.
2002940001 EAO-2002940001 Datasheet
1Mb / 9P
   S09 outdoor Design-In Kits
Rev. 01
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com