Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKT-C3305 Datasheet(PDF) 1 Page - Kingtronics International Company

Part No. RKT-C3305
Description  TRIMMER POTENTIOMETER-3mm SMD
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGTRONICS [Kingtronics International Company]
Homepage  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

RKT-C3305 Datasheet(HTML) 1 Page - Kingtronics International Company

  RKT-C3305 Datasheet HTML 1Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
RKT-C3305
TRIMMER POTENTIOMETER-3mm SMD
FEATURES
Reflow solderable
With rotation stopper
Low profile type (1.2mm in height)
Conform to RoHS Directives
Achieved excellent endurance characteristics by using
“ Metal-glaze ” film
Environmental Characteristics
Max. Working Voltage
50V or V=√ PR
Whichever is smaller)
Rated Wattage
0.15Watt
Temperature Range
-40℃ to +100℃
Temperature Coefficient
±250ppm/℃
Physical Characteristics
Rotational Torque
0.98mN·m ~ 11.76mN·m
End Stop Strength
14.7 mN·m (Min.)
Standard Packing
2500 PCS / REEL
Aqueous cleaning not recommended
How to order
RKT
– C
3
3
05
– 10 1
- R
Series
Chip
External Dimensions
3 solder
Model
Resistance Code
RoHS
Standard Resistance table
Resistance
(Ohms)
Resistance
Code
Resistance
(Ohms)
Resistance
Code
100
101
20,000
203
200
201
22,000
223
220
221
30,000
303
300
301
33,000
333
330
331
47,000
473
470
471
50,000
503
500
501
68,000
683
680
681
100,000
104
1,000
102
200,000
204
2,000
202
220,000
224
2,200
222
300,000
304
3,000
302
330,000
334
3,300
332
470,000
474
4,700
472
500,000
504
5,000
502
680,000
684
6,800
682
1,000,000
105
10,000
103
Electrical Characteristics
Standard Resistance Range
100Ω to 1MΩ
Resistance Tolerance
±25%
Total Mechanical Rotation
Angle
2700±200
With rotation stopper


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn