Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LKT0603X0R5C160R Datasheet(PDF) 1 Page - Kingtronics International Company

Part # LKT0603X0R5C160R
Description  Low Voltage Multilayer Chip Ceramic Capacitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGTRONICS [Kingtronics International Company]
Direct Link  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

LKT0603X0R5C160R Datasheet(HTML) 1 Page - Kingtronics International Company

  LKT0603X0R5C160R Datasheet HTML 1Page - Kingtronics International Company LKT0603X0R5C160R Datasheet HTML 2Page - Kingtronics International Company LKT0603X0R5C160R Datasheet HTML 3Page - Kingtronics International Company LKT0603X0R5C160R Datasheet HTML 4Page - Kingtronics International Company LKT0603X0R5C160R Datasheet HTML 5Page - Kingtronics International Company LKT0603X0R5C160R Datasheet HTML 6Page - Kingtronics International Company LKT0603X0R5C160R Datasheet HTML 7Page - Kingtronics International Company LKT0603X0R5C160R Datasheet HTML 8Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
LKT
Low Voltage Multilayer Chip Ceramic
Capacitor
 Capacitance and Capacitance Tolerance
Different circuit needs different capacitance and capacitance tolerance. So the selection of capacitance is depended on the need of
customers.
Dielectric Material Type of Capacitor
-NPO : The capacitor of this kind dielectric material is considered as ClassⅠcapacitor, including general capacitor and high frequency
NPO capacitor. The electrical properties of NPO capacitor are the most stable one and have little change with temperature, voltage and
time. They are suited for applications where low-losses and high-stability are required, such as filters, oscillators, and timing circuits.
- X7R, X5R : X7R, X5R material is a kind of material has high dielectric constant. The capacitor made of this kind material is considered
as Class Ⅱ capacitor whose capacitance is higher than that of class Ⅰ. These capacitors are classified as having a semi-stable temperature
characteristic and used over a wide temperature range, such in these kinds of circuits, DC-blocking, decoupling, bypassing, frequency
discriminating etc.
-Y5V : The capacitor made of this kind of material is the highest dielectric constant of all ceramic capacitors. They are used over a
moderate temperature range in application where high capacitance is required because of its unstable temperature coefficient, but where
moderate losses and capacitance changes can be tolerated. Its capacitance and dissipation factors are sensible to measuring conditions,
such as temperature and voltage, etc.
 Temperature Range
NPO/ X7R: -55~125℃
X5R: -55~85℃
Y5V: -30~85℃
 Voltage
16, 25, 50, 63 VDC.
 Capacitance
0.5pF ~ 10uF
 Terminations
Tin / Nickel
 Tolerance
±0.1pF , +80 ~ -20%
 Packing
Tape and Reel (0402, 0603, 0805, 1206, 1210, 1812, 2220)
 Dielectric & Values
NPO X7R Y5V Z5U consult product pages of catalog for cap ranges and voltage rating


Similar Part No. - LKT0603X0R5C160R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LKT1AF-12V PANASONIC-LKT1AF-12V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-24V PANASONIC-LKT1AF-24V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-5V PANASONIC-LKT1AF-5V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
LKT1AF-9V PANASONIC-LKT1AF-9V Datasheet
69Kb / 3P
   Audlo vlsual equlpment Flat TVs and audlo equlpment etc Offlce equlpment Home appllances
More results

Similar Description - LKT0603X0R5C160R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
05045C272KAT1A AVX-05045C272KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C821KAT1A AVX-05045C821KAT1A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05045C103JA19A AVX-05045C103JA19A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
05041A101KA79A AVX-05041A101KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Stackpole Electronics, ...
CML_C0G SEI-CML_C0G Datasheet
671Kb / 23P
   Multilayer Ceramic Chip Capacitor
5/27/2021
logo
AVX Corporation
05041A121KA79A AVX-05041A121KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
08055A101JAT2A AVX-08055A101JAT2A Datasheet
399Kb / 46P
   Multilayer Ceramic Chip Capacitor
05041A820KA79A AVX-05041A820KA79A Datasheet
602Kb / 48P
   Multilayer Ceramic Chip Capacitor
logo
Suntan Capacitors
TS18 SUNTAN-TS18 Datasheet
281Kb / 10P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
TS18 SUNTAN-TS18_17 Datasheet
788Kb / 17P
   MULTILAYER CERAMIC CHIP CAPACITOR - SMD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com