Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKT-3590 Datasheet(PDF) 1 Page - Kingtronics International Company

Part No. RKT-3590
Description  PRECISION MULTITURN WIREWOUND POTENTIOMETER
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGTRONICS [Kingtronics International Company]
Homepage  http://www.kingtronics.com
Logo KINGTRONICS - Kingtronics International Company

RKT-3590 Datasheet(HTML) 1 Page - Kingtronics International Company

  RKT-3590 Datasheet HTML 1Page - Kingtronics International Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Website: www.kingtronics.com
Email: info@kingtronics.com
Tel: (852) 8106 7033
Fax: (852) 8106 7099
1
RKT-3590
PRECISION MULTITURN WIREWOUND
POTENTIOMETER
FEATURES
Multiturn/ Round/ Wirewound
2 Shaft Styles
Electrical Characteristics
Standard Resistance
Range
1KΩ - 100KΩ
Resistance Tolerance
±5%
Independent Linearity
±0.5%
Effective Electrial
Travel
≥3600° ± 10°
Treninal Resistance
≤2%R or 5Ω
whichever is larger)
Noise
≤3% R or 5Ω
whichever is larger)
Insulation Resistance
R≥1GΩ
Withstand Voltage
101.3kPa710V, 8.5kPa470V
Environmental Characteristics
Power Rating
(500volts max)
2W@+70℃, 0W@+125℃
Temperature Range
-55℃ ~ +125℃
Temperature
Coefficient
≤±50×10-6/℃(-55℃ ~ +125℃)
Temperature Variation
ΔR≤±2%R. Δ(Uab/Uac)≤±1%
Collision
390m/s2,4000cycles, R≤1%R
Vibration
10-500Hz, 0.75mm, or 98m/s2, 6h
ΔR≤±1%R. Δ(Uab/Uac)≤±2%
Climate Category
ΔR≤±3%R. R1≥100MΩ
Electrical Endurance at
70℃
2W, 1000h, ΔR≤±3%R
Mechanical Endurance
10000 cycles, ΔR≤±3%R
Steady damp-heat
ΔR≤±3%R, R1≥100MΩ
Physical Characteristics
Total Mechanical Travel
≥3600° ± 10°
Staring Torque
≤36mN·m
Clutch Torque
≥300mN·m
Standard Packaging
20pcs/box or 25pcs/box
Note: Specification are subject to change without notice.
Common Dimensions
How to Order
RKT-3590 --- S --- 2 --- 103 --- R
Model
Style
Metal Shaft and sleeve
Resistance Code
RoHS
WIPER 2(d)
CLOCKWISE
Tolerance is ±0.25 if no identification
Resistance Table
Resistance(Ohms)
Resistance Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
Special resistances available.


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn