Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQP03TN4N7J02 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQP03TN4N7J02
Description  Chip Inductor (Chip Coil) for High Frequency Film Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQP03TN4N7J02 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQP03TN4N7J02 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQP03TN4N7J02 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQP03TN4N7J02 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQP03TN4N7J02 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2011.1.13
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Film Type
0.6
±0.03
0.15
±0.05
(in mm)
Polarity Marking
0.6 to 56nH
68 to 120nH
Colored Side
Polarity Marking
Colored Side
0.6
±0.03
0.15
±0.05
Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03T_02 Series (0201 Size)
I Dimensions
I Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
15000
J
330mm Paper Tape
50000
B
Bulk(Bag)
500
I Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency
Rated Current
Max. of DC Resistance
Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQP03TN0N6B02p
0.6nH
±0.1nH
500MHz
850mA
0.07ohm
14
500MHz
6000MHz
LQP03TN0N6C02p
0.6nH
±0.2nH
500MHz
850mA
0.07ohm
14
500MHz
6000MHz
LQP03TN0N7B02p
0.7nH
±0.1nH
500MHz
800mA
0.08ohm
14
500MHz
6000MHz
LQP03TN0N7C02p
0.7nH
±0.2nH
500MHz
800mA
0.08ohm
14
500MHz
6000MHz
LQP03TN0N8B02p
0.8nH
±0.1nH
500MHz
800mA
0.08ohm
14
500MHz
6000MHz
LQP03TN0N8C02p
0.8nH
±0.2nH
500MHz
800mA
0.08ohm
14
500MHz
6000MHz
LQP03TN0N9B02p
0.9nH
±0.1nH
500MHz
750mA
0.10ohm
14
500MHz
6000MHz
LQP03TN0N9C02p
0.9nH
±0.2nH
500MHz
750mA
0.10ohm
14
500MHz
6000MHz
LQP03TN1N0B02p
1.0nH
±0.1nH
500MHz
750mA
0.10ohm
14
500MHz
6000MHz
LQP03TN1N0C02p
1.0nH
±0.2nH
500MHz
750mA
0.10ohm
14
500MHz
6000MHz
LQP03TN1N1B02p
1.1nH
±0.1nH
500MHz
750mA
0.10ohm
14
500MHz
6000MHz
LQP03TN1N1C02p
1.1nH
±0.2nH
500MHz
750mA
0.10ohm
14
500MHz
6000MHz
LQP03TN1N2B02p
1.2nH
±0.1nH
500MHz
750mA
0.10ohm
14
500MHz
6000MHz
LQP03TN1N2C02p
1.2nH
±0.2nH
500MHz
750mA
0.10ohm
14
500MHz
6000MHz
LQP03TN1N3B02p
1.3nH
±0.1nH
500MHz
600mA
0.15ohm
14
500MHz
6000MHz
LQP03TN1N3C02p
1.3nH
±0.2nH
500MHz
600mA
0.15ohm
14
500MHz
6000MHz
LQP03TN1N4B02p
1.4nH
±0.1nH
500MHz
600mA
0.15ohm
14
500MHz
6000MHz
LQP03TN1N4C02p
1.4nH
±0.2nH
500MHz
600mA
0.15ohm
14
500MHz
6000MHz
LQP03TN1N5B02p
1.5nH
±0.1nH
500MHz
600mA
0.15ohm
14
500MHz
6000MHz
LQP03TN1N5C02p
1.5nH
±0.2nH
500MHz
600mA
0.15ohm
14
500MHz
6000MHz
LQP03TN1N6B02p
1.6nH
±0.1nH
500MHz
600mA
0.15ohm
14
500MHz
6000MHz
LQP03TN1N6C02p
1.6nH
±0.2nH
500MHz
600mA
0.15ohm
14
500MHz
6000MHz
LQP03TN1N7B02p
1.7nH
±0.1nH
500MHz
600mA
0.15ohm
14
500MHz
6000MHz
Operating Temperature Range: -55 to +125
°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQP03TN4N7J02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP03TN4N7J02D MURATA-LQP03TN4N7J02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
More results

Similar Description - LQP03TN4N7J02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP15MN7N5B02D MURATA-LQP15MN7N5B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN3N9B04D MURATA-LQP03TN3N9B04D Datasheet
76Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN6N2J02D MURATA-LQP03TN6N2J02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP18MN12NG02D MURATA-LQP18MN12NG02D Datasheet
48Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP15MN1N0B02D MURATA-LQP15MN1N0B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series
LQG15HS1N0S02D MURATA-LQG15HS1N0S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HN1N0S02D MURATA-LQG15HN1N0S02D Datasheet
51Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HS1N1S02D MURATA-LQG15HS1N1S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQP15MN3N0B02D MURATA-LQP15MN3N0B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series (0402 Size)
LQH31HNR88K03L MURATA-LQH31HNR88K03L Datasheet
46Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Vertical Wire Wound Ferrite Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com