Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4077BMT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD4077BMT
Description  CMOS Quad Exclusive-OR and Exclusive-NOR Gate
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4077BMT Datasheet(HTML) 1 Page - Texas Instruments

  CD4077BMT Datasheet HTML 1Page - Texas Instruments CD4077BMT Datasheet HTML 2Page - Texas Instruments CD4077BMT Datasheet HTML 3Page - Texas Instruments CD4077BMT Datasheet HTML 4Page - Texas Instruments CD4077BMT Datasheet HTML 5Page - Texas Instruments CD4077BMT Datasheet HTML 6Page - Texas Instruments CD4077BMT Datasheet HTML 7Page - Texas Instruments CD4077BMT Datasheet HTML 8Page - Texas Instruments CD4077BMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS055E
Features
• High-Voltage Types (20V Rating)
• CD4070B - Quad Exclusive-OR Gate
• CD4077B - Quad Exclusive-NOR Gate
• Medium Speed Operation
-tPHL, tPLH = 65ns (Typ) at VDD = 10V, CL = 50pF
• 100% Tested for Quiescent Current at 20V
• Standardized Symmetrical Output Characteristics
• 5V, 10V and 15V Parametric Ratings
• Maximum Input Current of 1
µA at 18V Over Full
Package Temperature Range
- 100nA at 18V and 25oC
• Noise Margin (Over Full Package Temperature Range)
- 1V at VDD = 5V, 2V at VDD = 10V, 2.5V at VDD = 15V
• Meets All Requirements of JEDEC Standard No. 13B,
“Standard Specifications for Description of ‘B’ Series
CMOS Devices
Applications
• Logical Comparators
• Adders/Subtractors
• Parity Generators and Checkers
Description
The Harris CD4070B contains four independent Exclusive-
OR gates. The Harris CD4077B contains four independent
Exclusive-NOR gates.
The CD4070B and CD4077B provide the system designer
with a means for direct implementation of the Exclusive-OR
and Exclusive-NOR functions, respectively.
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD4070BE
-55 to 125
14 Ld PDIP
CD4070BF3A
-55 to 125
14 Ld CERDIP
CD4070BM
-55 to 125
14 Ld SOIC
CD4070BMT
-55 to 125
14 Ld SOIC
CD4070BM96
-55 to 125
14 Ld SOIC
CD4070BNSR
-55 to 125
14 Ld SOP
CD4070BPW
-55 to 125
14 Ld TSSOP
CD4070BPWR
-55 to 125
14 Ld TSSOP
CD4077BE
-55 to 125
14 Ld PDIP
CD4077BF3A
-55 to 125
14 Ld CERDIP
CD4077BM
-55 to 125
14 Ld SOIC
CD4077BMT
-55 to 125
14 Ld SOIC
CD4077BM96
-55 to 125
14 Ld SOIC
CD4077BNSR
-55 to 125
14 Ld SOP
CD4077BPW
-55 to 125
14 Ld TSSOP
CD4077BPWR
-55 to 125
14 Ld TSSOP
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD4070B,
CD4077B
CMOS Quad Exclusive-OR
and Exclusive-NOR Gate
[ /Title
(CD40
70B,
CD407
7B)
/Sub-
ject
(CMO
S Quad
Exclu-
sive-
OR
and
Exclu-
sive-
NOR
Gate)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
CD400
0,
metal
gate,
CMOS
, pdip,
cerdip,
mil,
January 1998 - Revised September 2003


Similar Part No. - CD4077BMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4077BMT TI-CD4077BMT Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4077BMT TI1-CD4077BMT Datasheet
1Mb / 29P
[Old version datasheet]   CMOS Quad Exclusive-OR
CD4077BMTE4 TI-CD4077BMTE4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4077BMTG4 TI-CD4077BMTG4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
More results

Similar Description - CD4077BMT

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Texas Instruments
CD4070B TI-CD4070B Datasheet
68Kb / 8P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070BM96G4 TI-CD4070BM96G4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
   QUAD EXCLUSIVE-OR / NOR GATE
logo
Micro Electronics
MMC4070 MICRO-ELECTRONICS-MMC4070 Datasheet
125Kb / 3P
   QUAD EXCLUSIVE-OR GATE 4070, QUAD EXCLUSIVE-NOR GATE 4077
logo
Intersil Corporation
CD4030BMS INTERSIL-CD4030BMS Datasheet
59Kb / 7P
   CMOS Quad Exclusive-OR Gate
December 1992
logo
Texas Instruments
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
[Old version datasheet]   CMOS Quad Exclusive - OR Gate
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
   CMOS QUAD EXCLUSIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com