Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4077BM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD4077BM
Description  CMOS Quad Exclusive-OR and Exclusive-NOR Gate
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4077BM Datasheet(HTML) 5 Page - Texas Instruments

  CD4077BM Datasheet HTML 1Page - Texas Instruments CD4077BM Datasheet HTML 2Page - Texas Instruments CD4077BM Datasheet HTML 3Page - Texas Instruments CD4077BM Datasheet HTML 4Page - Texas Instruments CD4077BM Datasheet HTML 5Page - Texas Instruments CD4077BM Datasheet HTML 6Page - Texas Instruments CD4077BM Datasheet HTML 7Page - Texas Instruments CD4077BM Datasheet HTML 8Page - Texas Instruments CD4077BM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
AC Electrical Specifications
TA = 25
oC, Input t
r, tf = 20ns, CL = 50pF, RL = 200k
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS ON ALL TYPES
UNITS
VDD (V)
TYP
MAX
Propagation Delay Time
tPHL, tPLH
5
140
280
ns
10
65
130
ns
15
50
100
ns
Transition Time
tTHL, tTLH
5
100
200
ns
10
50
100
ns
15
40
80
ns
Input Capacitance
CIN
Any Input
5
7.5
pF
Typical Performance Curves
FIGURE 3. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 4. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 5. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
TA = 25
oC
GATE TO SOURCE VOLTAGE (VGS) = 15V
10V
5V
30
25
20
15
10
5
0
0
5
10
15
VDS, DRAIN TO SOURCE VOLTAGE (V)
TA = 25
oC
GATE TO SOURCE VOLTAGE (VGS) = 15V
10V
5V
15
12.5
10
7.5
5
2.5
0
0
5
10
15
VDS, DRAIN TO SOURCE VOLTAGE (V)
TA = 25
oC
GATE TO SOURCE VOLTAGE (VGS) = -5V
-10V
-15V
-5
-10
-15
-20
-25
-30
0
0
-5
-10
-15
VDS, DRAIN TO SOURCE VOLTAGE (V)
TA = 25
oC
GATE TO SOURCE VOLTAGE (VGS) = -5V
-10V
-15V
-15
-10
-5
0
0
-5
-10
-15
VDS, DRAIN TO SOURCE VOLTAGE (V)
CD4070B, CD4077B


Similar Part No. - CD4077BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4077BM NSC-CD4077BM Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Texas Instruments
CD4077BM TI-CD4077BM Datasheet
68Kb / 8P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Harris Corporation
CD4077BM HARRIS-CD4077BM Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Texas Instruments
CD4077BM TI-CD4077BM Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4077BM TI1-CD4077BM Datasheet
1Mb / 29P
[Old version datasheet]   CMOS Quad Exclusive-OR
More results

Similar Description - CD4077BM

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Texas Instruments
CD4070B TI-CD4070B Datasheet
68Kb / 8P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070BM96G4 TI-CD4070BM96G4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
   QUAD EXCLUSIVE-OR / NOR GATE
logo
Micro Electronics
MMC4070 MICRO-ELECTRONICS-MMC4070 Datasheet
125Kb / 3P
   QUAD EXCLUSIVE-OR GATE 4070, QUAD EXCLUSIVE-NOR GATE 4077
logo
Intersil Corporation
CD4030BMS INTERSIL-CD4030BMS Datasheet
59Kb / 7P
   CMOS Quad Exclusive-OR Gate
December 1992
logo
Texas Instruments
CD4030B TI1-CD4030B_15 Datasheet
1Mb / 16P
[Old version datasheet]   CMOS Quad Exclusive - OR Gate
logo
Unisonic Technologies
UCD4070B UTC-UCD4070B Datasheet
213Kb / 5P
   CMOS QUAD EXCLUSIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com