Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C0G1E060D Datasheet(PDF) 5 Page - TDK Electronics

Part # C0603C0G1E060D
Description  Ceramic Capacitors For General Use SMD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603C0G1E060D Datasheet(HTML) 5 Page - TDK Electronics

  C0603C0G1E060D Datasheet HTML 1Page - TDK Electronics C0603C0G1E060D Datasheet HTML 2Page - TDK Electronics C0603C0G1E060D Datasheet HTML 3Page - TDK Electronics C0603C0G1E060D Datasheet HTML 4Page - TDK Electronics C0603C0G1E060D Datasheet HTML 5Page - TDK Electronics C0603C0G1E060D Datasheet HTML 6Page - TDK Electronics C0603C0G1E060D Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
• All specifications are subject to change without notice.
(5/7)
001-02 / 20030313 / e4112_c1005.fm
Ceramic Capacitors
C Series
For General Use
SMD
TEMPERATURE CHARACTERISTICS: Y5V(+22, –82%)
RATED VOLTAGE Edc:50V
RATED VOLTAGE Edc: 25V
RATED VOLTAGE Edc: 16V
RATED VOLTAGE Edc: 10V
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
100000
+80, –20%
0.8±0.1
C1608Y5V1H104Z
220000
+80, –20%
0.8±0.1
C1608Y5V1H224Z
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
470000
+80, –20%
0.8±0.1
C1608Y5V1E474Z
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
1000000
[1µF]
+80, –20%
0.8±0.1
C1608Y5V1C105Z
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
2200000
[2.2µF]
+80, –20%
0.8±0.1
C1608Y5V1A225Z
• For more information about products with other capacitance or other data,
please contact us.


Similar Part No. - C0603C0G1E060D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603C0G1E060D TDK-C0603C0G1E060D Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E060D TDK-C0603C0G1E060D Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E060D TDK-C0603C0G1E060D Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E060D TDK-C0603C0G1E060D Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C0603C0G1E060D030BA TDK-C0603C0G1E060D030BA Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0603C0G1E060D

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005CH1H100D TDK-C1005CH1H100D Datasheet
190Kb / 7P
   Ceramic Capacitors For General Use SMD
CGA2B3X7R1E104K050BB TDK-CGA2B3X7R1E104K050BB Datasheet
73Kb / 8P
   Multilayer Ceramic Chip Capacitors For automobile(General use)
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C2012X7R2A104K TDK-C2012X7R2A104K Datasheet
114Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3216C0G2J101J TDK-C3216C0G2J101J Datasheet
221Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
logo
Panasonic Semiconductor
ECJ-2VB1H272K PANASONIC-ECJ-2VB1H272K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H820J PANASONIC-ECJ-1VC1H820J Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com