Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

47219-2001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 47219-2001
Description  1.10mm Pitch microSD Card Connector, Hinge Type, Lead-Free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

47219-2001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  47219-2001 Datasheet HTML 1Page - Molex Electronics Ltd. 47219-2001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 07/01/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
47219-2001
Status:
Active
Overview:
microSD Memory Card Connector
Description:
1.10mm Pitch microSD Card Connector, Hinge Type, Lead-Free
Documents:
3D Model
Product Specification PS-47219-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Card Sockets
Series
47219
Comments
Hinge Type
Component Type
Header & Ejector (Host)
Overview
microSD Memory Card Connector
Product Name
microSD Card, TransFlash
Style
Hinge
Type
N/A
UPC
884982238763
Physical
Card Detection Switch
No
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Black
Durability (mating cycles max)
5,000
Ejector Button
No
Ejector Button Side
N/A
Entry Angle
90° Angle (Side Entry)
Keying to Mating Part
Yes
Material - Metal
Copper Alloy, Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
468.183/mg
PCB Locator
No
PCB Mounting Side
Normal
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface
1.09mm
Pitch - Termination Interface
1.09mm
Plating min - Mating
0.508µm
Ports
1
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
Yes
Voltage - Maximum
100V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
3
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
2
Process Temperature max. C
250
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47219Series
Use With
microSD Card


Similar Part No. - 47219-2001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
47219-0001 MOLEX-47219-0001 Datasheet
132Kb / 2P
   microSD Memory Card Connectors
More results

Similar Description - 47219-2001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0472192001 MOLEX1-0472192001_19 Datasheet
33Kb / 2P
   1.10mm Pitch microSD Card Connector, Hinge Type, Lead-Free
0472192001 MOLEX6-0472192001 Datasheet
148Kb / 3P
   1.10mm (.043") Pitch microSD Card Connector, Hinge Type, Lead free
0472190001 MOLEX6-0472190001 Datasheet
149Kb / 3P
   1.10mm (.043") Pitch microSD Card Connector, Hinge Type, Lead free
0473340001 MOLEX1-0473340001_19 Datasheet
30Kb / 2P
   1.10mm Pitch microSD Card Connector, Push-Push Type, without Detect Switch, Lead-1.10mm Pitch microSD Card Connector, Push-Push Type, without Detect Switch, Lead-Free
0473340001 MOLEX6-0473340001 Datasheet
191Kb / 4P
   1.10mm (.043") Pitch microSD Card Connector, Push-Push Type, without Detect Switch, Lead Free
1050780001 MOLEX11-1050780001 Datasheet
312Kb / 6P
   1.10mm (.043") Pitch microSD Memory Card Connector, SMT, Push-Pull Type,2.00mm (.079") Height, Lead free
logo
Yamaichi Electronics Co...
PJS008T-0000-0 YAMAICHI-PJS008T-0000-0 Datasheet
300Kb / 1P
   microSD Card Reader - Hinge Type
logo
ALPS ELECTRIC CO.,LTD.
SCHB ALPS-SCHB Datasheet
105Kb / 3P
   Connector for microSD??Card (Hinge Cover Type)
logo
Molex Electronics Ltd.
0473521001 MOLEX1-0473521001_19 Datasheet
31Kb / 2P
   1.10mm Pitch microSD Card Connector, Push-Push Type, with VSS (Supply Voltage Ground) Detect Switch, Lead-Free
5027740891 MOLEX11-5027740891 Datasheet
318Kb / 5P
   1.10mm (.043") Pitch microSD Memory Card Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com