Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C040A-12JI Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. AT29C040A-12JI
Description  4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C040A-12JI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT29C040A-12JI Datasheet HTML 1Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 2Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 3Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 4Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 5Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 6Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 7Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 8Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
AT29C040A
0333I–FLASH–05/02
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. VH = 12.0V ± 0.5V.
4. Manufacturer Code: 1F, Device Code: A4.
5. See details under Software Product Identification Entry/Exit.
DC and AC Operating Range
AT29C040A-90
AT29C040A-12
AT29C040A-15
AT29C040A-20
Operating
Temperature (Case)
Com.
0
°C- 70°C0°C- 70°C0°C- 70°C
0
°C- 70°C
Ind.
-40
°C- 85°C-40°C- 85°C-40°C- 85°C
-40
°C- 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
5V
± 10%
5V
± 10%
Note:
Not recommended for New Designs.
Operating Modes
Mode
CE
OE
WE
Ai
I/O
Read
VIL
VIL
VIH
Ai
DOUT
Program
(2)
V
IL
V
IH
V
IL
Ai
D
IN
Standby/Write Inhibit
V
IH
X
(1)
XX
High Z
Program Inhibit
X
X
V
IH
Program Inhibit
X
VIL
X
Output Disable
X
VIH
XHigh Z
Product Identification
Hardware
V
IL
V
IL
V
IH
A1 - A18 = V
IL,A9 = VH,
(3) A0 = V
IL
Manufacturer Code
(4)
A1 - A18 = V
IL,A9 = VH,
(3) A0 = V
IH
Device Code
(4)
Software
(5)
A0 = V
IL
Manufacturer Code
(4)
A0 = VIH
Device Code
(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN =0VtoVCC
10
µA
ILO
Output Leakage Current
VI/O =0V toVCC
10
µA
ISB1
VCC Standby Current CMOS
CE =VCC -0.3V to VCC
Com.
100
µA
Ind.
300
µA
ISB2
VCC Standby Current TTL
CE =2.0Vto VCC
3mA
I
CC
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
40
mA
V
IL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL =2.1 mA
0.45
V
VOH1
Output High Voltage
IOH =-400µA
2.4
V
VOH2
Output High Voltage CMOS
IOH =-100µA; VCC =4.5V
4.2
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn