Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C040A-12JI Datasheet(PDF) 13 Page - ATMEL Corporation

Part No. AT29C040A-12JI
Description  4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT29C040A-12JI Datasheet(HTML) 13 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
AT29C040A
0333I–FLASH–05/02
Ordering Information
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
90
40
0.1
AT29C040A-90JC
AT29C040A-90PC
AT29C040A-90TC
32J
32P6
32T
Commercial
(0
° to 70°C)
40
0.3
AT29C040A-90JI
AT29C040A-90PI
AT29C040A-90TI
32J
32P6
32T
Industrial
(-40
° to 85°C)
120
40
0.1
AT29C040A-12JC
AT29C040A-12PC
AT29C040A-12TC
32J
32P6
32T
Commercial
(0
° to 70°C)
40
0.3
AT29C040A-12JI
AT29C040A-12PI
AT29C040A-12TI
32J
32P6
32T
Industrial
(-40
° to 85°C)
150
40
0.1
AT29C040A-15JC
AT29C040A-15PC
AT29C040A-15TC
32J
32P6
32T
Commercial
(0
° to 70°C)
40
0.3
AT29C040A-15JI
AT29C040A-15PI
AT29C040A-15TI
32J
32P6
32T
Industrial
(-40
° to 85°C)
200
40
0.1
AT29C040A-20JC
AT29C040A-20PC
AT29C040A-20TC
32J
32P6
32T
Commercial
(0
° to 70°C)
40
0.3
AT29C040A-20JI
AT29C040A-20PI
AT29C040A-20TI
32J
32P6
32T
Industrial
(-40
° to 85°C)
Note:
Not recommended for New Designs.
Package Type
32J
32-lead, Plastic J-leaded Chip Carrier (PLCC)
32P6
32-lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
32T
32-lead, Thin Small Outline Package (TSOP)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn