Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C040A-12JI Datasheet(PDF) 11 Page - ATMEL Corporation

Part No. AT29C040A-12JI
Description  4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C040A-12JI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT29C040A-12JI Datasheet HTML 7Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 8Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 9Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 10Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 11Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 12Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 13Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 14Page - ATMEL Corporation AT29C040A-12JI Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
AT29C040A
0333I–FLASH–05/02
Notes:
1. These parameters are characterized and not 100% tested.
2. See tOE spec in AC Read Characteristics.
Data Polling Waveforms
Notes:
1. These parameters are characterized and not 100% tested.
2. See tOE spec in AC Read Characteristics.
Toggle Bit Waveforms(1)(2)(3)
Notes:
1. Toggling either OE or CE or both OE and CE will operate toggle bit. The t
OEHP specification must be met by the toggling
input(s).
2. Beginning and ending state of I/O6 will vary.
3. Any address location may be used but the address should not vary.
Data Polling Characteristics
(1)
Symbol
Parameter
Min
Typ
Max
Units
t
DH
Data Hold Time
10
ns
t
OEH
OE Hold Time
10
ns
tOE
OE to Output Delay
(2)
ns
tWR
Write Recovery Time
0
ns
Toggle Bit Characteristics
(1)
Symbol
Parameter
Min
Typ
Max
Units
t
DH
Data Hold Time
10
ns
tOEH
OE Hold Time
10
ns
tOE
OE to Output Delay
(2)
ns
tOEHP
OE High Pulse
150
ns
tWR
Write Recovery Time
0
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn