Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT29C040A-12TC Datasheet(PDF) 15 Page - ATMEL Corporation

Part No. AT29C040A-12TC
Description  4-megabit (512K x 8) 5-volt Only 256-byte Sector Flash Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT29C040A-12TC Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT29C040A-12TC Datasheet HTML 9Page - ATMEL Corporation AT29C040A-12TC Datasheet HTML 10Page - ATMEL Corporation AT29C040A-12TC Datasheet HTML 11Page - ATMEL Corporation AT29C040A-12TC Datasheet HTML 12Page - ATMEL Corporation AT29C040A-12TC Datasheet HTML 13Page - ATMEL Corporation AT29C040A-12TC Datasheet HTML 14Page - ATMEL Corporation AT29C040A-12TC Datasheet HTML 15Page - ATMEL Corporation AT29C040A-12TC Datasheet HTML 16Page - ATMEL Corporation AT29C040A-12TC Datasheet HTML 17Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
AT29C040A
0333I–FLASH–05/02
32P6 – PDIP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
32P6, 32-lead (0.600"/15.24 mm Wide) Plastic Dual
Inline Package (PDIP)
B
32P6
09/28/01
PIN
1
E1
A1
B
REF
E
B1
C
L
SEATING PLANE
A
0º ~ 15º
D
e
eB
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
––
4.826
A1
0.381
––
D
41.783
42.291
Note 1
E
15.240
15.875
E1
13.462
13.970
Note 1
B
0.356
0.559
B1
1.041
1.651
L
3.048
3.556
C
0.203
0.381
eB
15.494
17.526
e
2.540 TYP
Note:
1. Dimensions D and E1 do not include mold Flash or Protrusion.
Mold Flash or Protrusion shall not exceed 0.25 mm (0.010").


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn