Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9818E-30PV Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9818E-30PV
Description  N-Channel Open-Drain Output, Low Functional Supply Voltage 0.9V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9818E-30PV Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9818E-30PV Datasheet HTML 3Page - Richtek Technology Corporation RT9818E-30PV Datasheet HTML 4Page - Richtek Technology Corporation RT9818E-30PV Datasheet HTML 5Page - Richtek Technology Corporation RT9818E-30PV Datasheet HTML 6Page - Richtek Technology Corporation RT9818E-30PV Datasheet HTML 7Page - Richtek Technology Corporation RT9818E-30PV Datasheet HTML 8Page - Richtek Technology Corporation RT9818E-30PV Datasheet HTML 9Page - Richtek Technology Corporation RT9818E-30PV Datasheet HTML 10Page - Richtek Technology Corporation RT9818E-30PV Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RT9818
7
DS9818-10 May 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Power Up Reset Time-Out vs. Temperature
0
20
40
60
80
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
VTH = 5V
VTH = 4.5V
RT9818A
Output Delay Time vs. Load Capacitance
0.01
0.1
1
10
100
1000
0.0001
0.0010
0.0100
0.1000
1.0000
Load Capacitance (µF)
VTH = 1.2V
VTH = 4.5V
RT9818
Nch Driver Output Current vs. Input Voltage
0
10
20
30
40
50
60
01
234
5
6
Input Voltage (V)
RT9818G-31
VDS = 0.5V
80
°C
25
°C
−30°C
Nch Driver Output Current vs. VDS
0
20
40
60
80
100
120
140
160
0123
456
VDS (V)
VDD = 6V
= 5.5V
= 5V
= 4.5V
= 4V
= 3.5V
RT9818G-31
Power Up Reset Time-Out vs. Temperature
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Temperature (°C)
VTH = 2.9V
VTH = 3V
RT9818C
Nch Driver Sink Current vs. Input Voltage
0
10
20
30
40
50
012345
Input Voltage (V)
RT9818A-45, VDS = 0.5V
80
°C
25
°C
−30°C


Similar Part No. - RT9818E-30PV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9818E-30PV RICHTEK-RT9818E-30PV Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9818E-30PV RICHTEK-RT9818E-30PV Datasheet
215Kb / 14P
   Micro-Power Voltage Detectors
RT9818E-30PV RICHTEK-RT9818E-30PV Datasheet
226Kb / 14P
   Internally Fixed Threshold 1.2V to 5V in 0.1V Step, High Accuracy 짹1.5%
RT9818E-30PV RICHTEK-RT9818E-30PV Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
More results

Similar Description - RT9818E-30PV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX2222 PHILIPS-NCX2222_15 Datasheet
580Kb / 18P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output
Rev. 5-30 October 2012
NCX2222 NXP-NCX2222 Datasheet
594Kb / 19P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
logo
ON Semiconductor
ASM1816 ONSEMI-ASM1816 Datasheet
134Kb / 8P
   Low Power Open-Drain Output
August, 2011 ??Rev. 3
logo
List of Unclassifed Man...
PT3601 ETC2-PT3601 Datasheet
211Kb / 1P
   open drain output
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Global Mixed-mode Techn...
G1331 GMT-G1331 Datasheet
106Kb / 1P
   General Purpose, Low Voltage Comparator with Open-Drain Output
logo
Rohm
BU7230G ROHM-BU7230G Datasheet
613Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7250G ROHM-BU7250G Datasheet
635Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7233YF-C ROHM-BU7233YF-C Datasheet
1Mb / 22P
   Input Full Swing Open Drain Output Low Supply Current CMOS Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com