Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9818E-40PX Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9818E-40PX
Description  Internally Fixed Threshold 1.2V to 5V in 0.1V Step, High Accuracy 짹1.5%
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9818E-40PX Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9818E-40PX Datasheet HTML 6Page - Richtek Technology Corporation RT9818E-40PX Datasheet HTML 7Page - Richtek Technology Corporation RT9818E-40PX Datasheet HTML 8Page - Richtek Technology Corporation RT9818E-40PX Datasheet HTML 9Page - Richtek Technology Corporation RT9818E-40PX Datasheet HTML 10Page - Richtek Technology Corporation RT9818E-40PX Datasheet HTML 11Page - Richtek Technology Corporation RT9818E-40PX Datasheet HTML 12Page - Richtek Technology Corporation RT9818E-40PX Datasheet HTML 13Page - Richtek Technology Corporation RT9818E-40PX Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT9818
10
DS9818-10 May 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Outline Dimension
A
b
A1
B
D
C
e
H
L
SC
-70-3 Surface Mount Package
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.800
1.100
0.031
0.044
A1
0.000
0.100
0.000
0.004
B
1.150
1.350
0.045
0.054
b
0.150
0.400
0.006
0.016
C
1.800
2.450
0.071
0.096
D
1.800
2.250
0.071
0.089
e
1.300
0.051
H
0.080
0.260
0.003
0.010
L
0.210
0.460
0.008
0.018


Similar Part No. - RT9818E-40PX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9818E-40PX RICHTEK-RT9818E-40PX Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9818E-40PX RICHTEK-RT9818E-40PX Datasheet
215Kb / 14P
   Micro-Power Voltage Detectors
RT9818E-40PX RICHTEK-RT9818E-40PX Datasheet
226Kb / 14P
   N-Channel Open-Drain Output, Low Functional Supply Voltage 0.9V
RT9818E-40PX RICHTEK-RT9818E-40PX Datasheet
193Kb / 14P
   Micro-Power Voltage Detectors
More results

Similar Description - RT9818E-40PX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L_05 Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX40002EVKIT MAXIM-MAX40002EVKIT Datasheet
632Kb / 6P
   0.1V to 5.5V Input Voltage Range
Rev 1; 2/20
logo
Linear Technology
LT1302 LINER-LT1302_15 Datasheet
323Kb / 16P
   Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
logo
Micrel Semiconductor
MIC2033 MICREL-MIC2033_15 Datasheet
701Kb / 21P
   High-Accuracy, High-Side, Fixed Current Limit Power Switch
MIC2033 MICREL-MIC2033 Datasheet
654Kb / 20P
   High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
Microchip Technology
MIC2033 MICROCHIP-MIC2033 Datasheet
1Mb / 28P
   High-Accuracy, High-Side, Fixed Current-Limit Power Switch
09/14/21
logo
Rohm
BD90571EFJ-C ROHM-BD90571EFJ-C Datasheet
623Kb / 22P
   2.69 to 5.5V, 1.2V Output, 2.25MHz Synchronous Step-Down Converter
logo
Linear Technology
LT1302 LINER-LT1302 Datasheet
360Kb / 16P
   Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
LT1302-5 LINER-LT1302-5_15 Datasheet
323Kb / 16P
   Micropower High Output Current Step-Up Adjustable and Fixed 5V DC/DC Converters
logo
Dialog Semiconductor
SLG59M1709V DIALOG-SLG59M1709V Datasheet
410Kb / 18P
   Fixed threshold, 8 A Active Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com