Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B59995C0120A070 Datasheet(PDF) 8 Page - EPCOS

Part # B59995C0120A070
Description  PTC thermistors for overcurrent protection Leaded disks, coated, 12 V, 24 V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59995C0120A070 Datasheet(HTML) 8 Page - EPCOS

Back Button B59995C0120A070 Datasheet HTML 2Page - EPCOS B59995C0120A070 Datasheet HTML 3Page - EPCOS B59995C0120A070 Datasheet HTML 4Page - EPCOS B59995C0120A070 Datasheet HTML 5Page - EPCOS B59995C0120A070 Datasheet HTML 6Page - EPCOS B59995C0120A070 Datasheet HTML 7Page - EPCOS B59995C0120A070 Datasheet HTML 8Page - EPCOS B59995C0120A070 Datasheet HTML 9Page - EPCOS B59995C0120A070 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Symbols and terms
A
Area
C
Capacitance
Cth
Heat capacity
f
Frequency
I
Current
Imax
Maximum current
IR
Rated current
Ires
Residual current
IPTC
PTC current
Ir
Residual currrent
Ir,oil
Residual currrent in oil (for level sensors)
Ir,air
Residual currrent in air (for level sensors)
IRMS
Root-mean-square value of current
IS
Switching current
ISmax
Maximum switching current
LCT
Lower category temperature
N
Number (integer)
Nc
Operating cycles at Vmax, charging of capacitor
Nf
Switching cycles at Vmax, failure mode
P
Power
P25
Maximum power at 25
°C
Pel
Electrical power
Pdiss
Dissipation power
RG
Generator internal resistance
Rmin
Minimum resistance
RR
Rated resistance
∆RR
Tolerance of RR
RP
Parallel resistance
RPTC
PTC resistance
Rref
Reference resistance
RS
Series resistance
R25
Resistance at 25
°C
R25,match
Resistance matching per reel/ packing unit at 25
°C
∆R25
Tolerance of R25
T
Temperature
t
Time
TA
Ambient temperature
ta
Thermal threshold time
Overcurrent protection
Leaded disks, coated, 12 V, 24 V
C935 ... C995
Page 8 of 10
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B59995C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59995C0120A070 EPCOS-B59995C0120A070 Datasheet
307Kb / 10P
   PTC thermistors for overcurrent protection
B59995C0120A070 EPCOS-B59995C0120A070 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59995C0120A070 EPCOS-B59995C0120A070 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59995C0120A070 EPCOS-B59995C0120A070 Datasheet
305Kb / 10P
   PTC thermistors for overcurrent protection
B59995C0120A070 EPCOS-B59995C0120A070 Datasheet
149Kb / 10P
   PTC thermistors for overcurrent protection
More results

Similar Description - B59995C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59930C0080A070 EPCOS-B59930C0080A070_12 Datasheet
349Kb / 15P
   PTC thermistors for overcurrent protection Leaded disks, coated, 63 V
B59884C0120A070 EPCOS-B59884C0120A070_11 Datasheet
245Kb / 9P
   PTC thermistors for overcurrent protection Leaded disks, coated, 380 V, 500 V
B59750B0120A070 EPCOS-B59750B0120A070_11 Datasheet
408Kb / 13P
   PTC thermistors for overcurrent protection Leaded disks, uncoated, 380 to 1000 V
B59935 EPCOS-B59935 Datasheet
82Kb / 5P
   Overcurrent Protection Leaded Disks, Coated
B59910 EPCOS-B59910 Datasheet
144Kb / 10P
   Overcurrent Protection Leaded Disks, Coated
B59943 EPCOS-B59943 Datasheet
71Kb / 3P
   Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
B59830C0160A070 EPCOS-B59830C0160A070 Datasheet
83Kb / 5P
   Leaded Disks, Coated, 110 V
B59910C0130A070 EPCOS-B59910C0130A070 Datasheet
886Kb / 13P
   Leaded disks, coated, 63 V
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
   PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
   PTC thermistors for overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com