Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF3010 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRF3010
Description  LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF3010 Datasheet(HTML) 5 Page - Motorola, Inc

  MRF3010 Datasheet HTML 1Page - Motorola, Inc MRF3010 Datasheet HTML 2Page - Motorola, Inc MRF3010 Datasheet HTML 3Page - Motorola, Inc MRF3010 Datasheet HTML 4Page - Motorola, Inc MRF3010 Datasheet HTML 5Page - Motorola, Inc MRF3010 Datasheet HTML 6Page - Motorola, Inc MRF3010 Datasheet HTML 7Page - Motorola, Inc MRF3010 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MRF3010
MOTOROLA RF DEVICE DATA
f
S11
S21
S12
S22
f
MHz
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
1320
0.901
162
1.52
–2
0.018
49
0.866
–164
1340
0.906
162
1.49
–3
0.021
61
0.873
–165
1360
0.907
161
1.47
–4
0.022
61
0.875
–166
1380
0.905
161
1.44
–5
0.022
58
0.877
–167
1400
0.901
160
1.42
–7
0.021
58
0.881
–168
1420
0.900
159
1.39
–7
0.022
57
0.884
–168
1440
0.903
158
1.37
–9
0.022
58
0.885
–169
1460
0.912
158
1.34
–10
0.021
56
0.887
–170
1480
0.905
161
1.44
–5
0.022
58
0.877
–167
1500
0.910
156
1.30
–11
0.024
56
0.889
–171
1520
0.903
156
1.27
–12
0.023
57
0.891
–172
1540
0.899
155
1.26
–13
0.025
58
0.892
–173
1560
0.902
154
1.24
–15
0.026
56
0.893
–173
1570
0.902
153
1.22
–15
0.026
52
0.894
–174
1580
0.906
153
1.22
–16
0.024
53
0.892
–174
1590
0.906
153
1.21
–16
0.025
51
0.892
–174
1600
0.909
152
1.20
–17
0.026
49
0.892
–175
1610
0.911
152
1.20
–17
0.028
49
0.891
–175
1620
0.912
152
1.19
–17
0.026
53
0.889
–175
1630
0.907
151
1.18
–18
0.026
51
0.888
–176
1640
0.905
151
1.17
–18
0.027
55
0.889
–176
1650
0.895
150
1.16
–18
0.024
53
0.889
–177
1660
0.893
150
1.15
–19
0.027
52
0.889
–177
1670
0.890
150
1.14
–19
0.027
53
0.891
–177
1680
0.894
149
1.13
–20
0.026
51
0.891
–178
1690
0.899
148
1.12
–20
0.027
49
0.889
–178
1700
0.899
148
1.12
–21
0.027
53
0.888
–178
1750
0.905
147
1.09
–24
0.028
51
0.881
–180
1800
0.887
144
1.06
–26
0.029
50
0.889
179
1850
0.893
142
1.03
–28
0.029
50
0.885
178
1900
0.888
141
1.00
–31
0.031
51
0.883
176
1950
0.883
138
0.99
–34
0.032
51
0.888
176
2000
0.887
135
0.97
–36
0.032
44
0.887
174
2050
0.875
134
0.94
–38
0.035
46
0.894
173
2100
0.885
130
0.93
–42
0.037
45
0.894
172
2150
0.882
128
0.93
–45
0.038
37
0.905
170
2200
0.865
125
0.91
–47
0.040
37
0.907
169
2250
0.875
121
0.90
–50
0.040
30
0.911
168
2300
0.864
118
0.89
–54
0.037
27
0.915
165
2350
0.857
114
0.88
–56
0.042
31
0.917
163
2400
0.849
111
0.87
–59
0.042
23
0.906
162
2500
0.841
102
0.86
–66
0.040
13
0.887
160
Table 1. Common Source S–Parameters (VDS = 28 V, ID = 750 mA) (continued)


Similar Part No. - MRF3010

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRF300AN NXP-MRF300AN Datasheet
685Kb / 17P
   RF Power LDMOS Transistors
Rev. 0, 05/2018
MRF300BN NXP-MRF300BN Datasheet
685Kb / 17P
   RF Power LDMOS Transistors
Rev. 0, 05/2018
logo
Motorola, Inc
MRF3094 MOTOROLA-MRF3094 Datasheet
65Kb / 6P
   MICROWAVE LINEAR POWER TRANSISTORS
MRF3095 MOTOROLA-MRF3095 Datasheet
65Kb / 6P
   MICROWAVE LINEAR POWER TRANSISTORS
More results

Similar Description - MRF3010

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF1507 MOTOROLA-MRF1507 Datasheet
206Kb / 12P
   LATERAL NCHANNEL BROADBAND RF POWER MOSFET
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com