Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9818A-20PB Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9818A-20PB
Description  N-Channel Open-Drain Output, Low Functional Supply Voltage 0.9V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9818A-20PB Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9818A-20PB Datasheet HTML 1Page - Richtek Technology Corporation RT9818A-20PB Datasheet HTML 2Page - Richtek Technology Corporation RT9818A-20PB Datasheet HTML 3Page - Richtek Technology Corporation RT9818A-20PB Datasheet HTML 4Page - Richtek Technology Corporation RT9818A-20PB Datasheet HTML 5Page - Richtek Technology Corporation RT9818A-20PB Datasheet HTML 6Page - Richtek Technology Corporation RT9818A-20PB Datasheet HTML 7Page - Richtek Technology Corporation RT9818A-20PB Datasheet HTML 8Page - Richtek Technology Corporation RT9818A-20PB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9818
4
DS9818-10 May 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a low effective thermal conductivity single-layer test board per JEDEC 51-3.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
The voltage VOL can be calculated by VOL = VDD
− Ir * R. Where R is the pull-up resistor and Ir is the current flowing
through the pull-up resistor. For typical application (R=100k
Ω), VOL is less than 0.2V.


Similar Part No. - RT9818A-20PB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9818A-20PB RICHTEK-RT9818A-20PB Datasheet
159Kb / 14P
   Micro-Power Voltage Detectors
RT9818A-20PB RICHTEK-RT9818A-20PB Datasheet
215Kb / 14P
   Micro-Power Voltage Detectors
RT9818A-20PB RICHTEK-RT9818A-20PB Datasheet
226Kb / 14P
   Internally Fixed Threshold 1.2V to 5V in 0.1V Step, High Accuracy 짹1.5%
More results

Similar Description - RT9818A-20PB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX2222 PHILIPS-NCX2222_15 Datasheet
580Kb / 18P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output
Rev. 5-30 October 2012
NCX2222 NXP-NCX2222 Datasheet
594Kb / 19P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
logo
ON Semiconductor
ASM1816 ONSEMI-ASM1816 Datasheet
134Kb / 8P
   Low Power Open-Drain Output
August, 2011 ??Rev. 3
logo
List of Unclassifed Man...
PT3601 ETC2-PT3601 Datasheet
211Kb / 1P
   open drain output
logo
ON Semiconductor
ASM1233D ONSEMI-ASM1233D Datasheet
142Kb / 10P
   Reset Active LOW Open-Drain Output
August, 2011 ??Rev. 3
logo
Global Mixed-mode Techn...
G1331 GMT-G1331 Datasheet
106Kb / 1P
   General Purpose, Low Voltage Comparator with Open-Drain Output
logo
Rohm
BU7230G ROHM-BU7230G Datasheet
613Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7250G ROHM-BU7250G Datasheet
635Kb / 27P
   Input Full Swing, Open Drain Output Low Supply Current CMOS Comparators
BU7233YF-C ROHM-BU7233YF-C Datasheet
1Mb / 22P
   Input Full Swing Open Drain Output Low Supply Current CMOS Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com