Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RT9715FGB Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part No. RT9715FGB
Description  Operating Range : 2.7V to 5.5V, Reverse Blocking Current
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICHTEK [Richtek Technology Corporation]
Homepage  http://www.richtek.com
Logo 

RT9715FGB Datasheet(HTML) 14 Page - Richtek Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
RT9715
14
DS9715-03 April 2011
www.richtek.com
L
D
E
E1
e
A
b
A1
A2
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.810
1.100
0.032
0.043
A1
0.000
0.150
0.000
0.006
A2
0.750
0.950
0.030
0.037
b
0.220
0.380
0.009
0.015
D
2.900
3.100
0.114
0.122
e
0.650
0.026
E
4.800
5.000
0.189
0.197
E1
2.900
3.100
0.114
0.122
L
0.400
0.800
0.016
0.031
8-Lead MSOP Plastic Package


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn