Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RT9715FGB Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part No. RT9715FGB
Description  Operating Range : 2.7V to 5.5V, Reverse Blocking Current
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICHTEK [Richtek Technology Corporation]
Homepage  http://www.richtek.com
Logo 

RT9715FGB Datasheet(HTML) 7 Page - Richtek Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
RT9715
7
DS9715-03 April 2011
www.richtek.com
FLG Response
Time (2.5ms/Div)
VOUT
(2V/Div)
EN
(5V/Div)
IIN
(1A/Div)
VIN = 5V, RLOAD = 0.5
Ω
FLG
(5V/Div)
Power On from EN
Time (100us/Div)
EN
(5V/Div)
VOUT
(2V/Div)
IIN
(1A/Div)
VIN = 5V, RLOAD = 2.7
Ω
Power Off from VIN
Time (25ms/Div)
VOUT
(2V/Div)
VIN
(2V/Div)
EN = 0V, No Load
FLG Delay Time vs. Temperature
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature
VIN = 5V
(
°C)
FLG Delay Time vs. Input Voltage
4
5
6
7
8
9
10
11
12
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
Power On from VIN
Time (25ms/Div)
VOUT
(2V/Div)
VIN
(2V/Div)
EN = 0V, No Load


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn